Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54AC164245 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części 54AC164245
Szczegółowy opis  Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54AC164245 Arkusz danych(HTML) 3 Page - STMicroelectronics

  54AC164245 Datasheet HTML 1Page - STMicroelectronics 54AC164245 Datasheet HTML 2Page - STMicroelectronics 54AC164245 Datasheet HTML 3Page - STMicroelectronics 54AC164245 Datasheet HTML 4Page - STMicroelectronics 54AC164245 Datasheet HTML 5Page - STMicroelectronics 54AC164245 Datasheet HTML 6Page - STMicroelectronics 54AC164245 Datasheet HTML 7Page - STMicroelectronics 54AC164245 Datasheet HTML 8Page - STMicroelectronics 54AC164245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
54AC164245
Functional description
Doc ID 18093 Rev 2
3/22
1.1
Cold spare
The 54AC164245 features a cold spare input and output buffers. In high reliability
applications, cold sparing enables a redundant device to be tied to the data bus with its
power supply at 0 V (VDD = VSS, VDD - VSS = 0 V) without affecting the bus signals or
injecting current from the I/Os to the power supplies. Cold sparing also allows to keep
unpowered redundant devices so that they can be switched on only when required. Power
consumption is therefore reduced by switching off the redundant circuit. This has no impact
on the application. Cold spare is achieved by implementing a high impedance between I/Os
and VDD. The ESD protection is ensured through a non-conventional dedicated structure.
1.2
Power-up
During power up, all outputs are forced to high impedance. The high-impedance state is
maintained approximately until VDD is high, thus avoiding any transient and erroneous
signals during power-up.
1.3
Pin connections
Figure 2.
Pin connections


Podobny numer części - 54AC164245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
54AC16472 TI1-54AC16472 Datasheet
163Kb / 8P
[Old version datasheet]   18-BIT REGISTERED TRANS CIEVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - 54AC164245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
54C164245 STMICROELECTRONICS-54C164245 Datasheet
527Kb / 23P
   Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
54VCXH163245 STMICROELECTRONICS-54VCXH163245 Datasheet
1Mb / 19P
   Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
September 2021 Rev 7
logo
Texas Instruments
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com