Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54VCXH162373 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części 54VCXH162373
Szczegółowy opis  Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6 V tolerant inputs and outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH162373 Arkusz danych(HTML) 1 Page - STMicroelectronics

  54VCXH162373_11 Datasheet HTML 1Page - STMicroelectronics 54VCXH162373_11 Datasheet HTML 2Page - STMicroelectronics 54VCXH162373_11 Datasheet HTML 3Page - STMicroelectronics 54VCXH162373_11 Datasheet HTML 4Page - STMicroelectronics 54VCXH162373_11 Datasheet HTML 5Page - STMicroelectronics 54VCXH162373_11 Datasheet HTML 6Page - STMicroelectronics 54VCXH162373_11 Datasheet HTML 7Page - STMicroelectronics 54VCXH162373_11 Datasheet HTML 8Page - STMicroelectronics 54VCXH162373_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
August 2011
Doc ID 10653 Rev 7
1/18
18
54VCXH162373
Rad hard low voltage CMOS 16-bit D-type latch (3-state)
with 3.6 V tolerant inputs and outputs
Features
1.65 to 3.6 V inputs and outputs
High speed:
–tPD = 3.3 ns (Max.) at VCC = 3.0 to 3.6 V
–tPD = 4.5 ns (Max.) at VCC = 2.3 to 2.7 V
Symmetrical impedance outputs:
–|IOH| = IOL = 12 mA (Min.) at VCC = 3.0 V
–|IOH| = IOL = 8 mA (Min.) at VCC = 2.3 V
Power down protection on inputs and outputs
26 Ω serie resistors in outputs
Operating voltage range:
–VCC(Opr) = 1.65 V to 3.6 V
Pin and function compatible with 54 series
HR162373
Bus hold provided on both sides
Cold spare function
Latch-up performance exceeds
300 mA (JESD 17)
ESD performance:
– HBM > 2000 V
(MIL STD 883 method 3015); MM > 200 V
300 krad Mil1019.6 condition A, (RHA QML
qualification extension undergone)
No SEL, no SEUand no SET under 110
Mev/cm2/mg LET heavy ions irradiation
QML qualified product
Device fully compliant with
DSCC SMD 5962-05211
100 mV typical input hysteresis
Description
The 54VCXH162373 is a low voltage CMOS 16
bit d-type latch with 3 state outputs non inverting
fabricated with sub-micron silicon gate and five-
layer metal wiring C²MOS technology. It is ideal
for low power and very high speed 1.65 to 3.6 V
applications; it can be interfaced to 3.6 V signal
environment for both inputs and outputs. These
16 bit D-type latches are bite controlled by two
latch enable inputs (nLE) and two output enable
inputs (OE). While the nLE input is held at a high
level, the nQ outputs will follow the data input
precisely. When the nLE is taken low, the nQ
outputs will be in a normal logic state (high or low
logic level) and while high level the outputs will be
in a high impedance state. Bus hold on data
inputs is provided in order to eliminate the need
for external pull-up or pull-down resistor. The
device circuits is including 26
Ω series resistance
in the outputs. These resistors permit to reduce
line noise in high speed applications. All inputs
and outputs are equipped with protection circuits
against static discharge, giving them 2 kV ESD
immunity and transient excess voltage.
Flat-48
The upper metallic lid is not electrically connected to any
pins, nor to the IC die inside the package.
www.st.com


Podobny numer części - 54VCXH162373_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
54VCXH162373 STMICROELECTRONICS-54VCXH162373 Datasheet
508Kb / 17P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
More results

Podobny opis - 54VCXH162373_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
   Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162373 STMICROELECTRONICS-54VCXH162373 Datasheet
508Kb / 17P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_11 Datasheet
479Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162245 STMICROELECTRONICS-54VCXH162245_11 Datasheet
485Kb / 19P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16373FT TOSHIBA-TC74VCX16373FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
76Kb / 9P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16373 STMICROELECTRONICS-74LCX16373_03 Datasheet
282Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Toshiba Semiconductor
TC74VCX16843FT TOSHIBA-TC74VCX16843FT_07 Datasheet
221Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com