Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMSF5N03HD Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części MMSF5N03HD
Szczegółowy opis  SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF5N03HD Arkusz danych(HTML) 3 Page - Motorola, Inc

  MMSF5N03HD Datasheet HTML 1Page - Motorola, Inc MMSF5N03HD Datasheet HTML 2Page - Motorola, Inc MMSF5N03HD Datasheet HTML 3Page - Motorola, Inc MMSF5N03HD Datasheet HTML 4Page - Motorola, Inc MMSF5N03HD Datasheet HTML 5Page - Motorola, Inc MMSF5N03HD Datasheet HTML 6Page - Motorola, Inc MMSF5N03HD Datasheet HTML 7Page - Motorola, Inc MMSF5N03HD Datasheet HTML 8Page - Motorola, Inc MMSF5N03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMSF5N03HD
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
0
0.2
0.4
0.6
0.8
2
0
4
6
10
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
2
2.2
2.4
2.6
2.8
3.8
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
1
2
3
4
10
0.12
0.16
0.2
0
2
4
6
8
10
0.03
0.0375
0.0425
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 3. On–Resistance versus
Gate–To–Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
0.6
1
1.2
1.4
1.6
1
100
1000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
TJ = 25°C
VDS ≥ 10 V
TJ = 100°C
25
°C
– 55
°C
TJ = 25°C
VGS = 0 V
VGS = 10 V
VGS = 4.5 V
VGS = 10 V
ID = 5 A
1
1.2
4.5 V
3.8 V
3.1 V
2.4 V
3
1.4
1.6
1.8
3.2
3.4
3.6
0.08
5
6
7
8
9
10 V
– 50
– 25
0
25
50
75
100
125
150
TJ = 125°C
8
0.04
0.035
2
0
0.8
0
10
20
30
4
6
10
8
2
0.04
0.0325
10
100
°C
25
°C
ID = 2.5 A


Podobny numer części - MMSF5N03HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMSF5N03HD ONSEMI-MMSF5N03HD Datasheet
268Kb / 10P
   N-Channel Power MOSFET
August, 2006 ??Rev. 7
MMSF5N03HDR2 ONSEMI-MMSF5N03HDR2 Datasheet
268Kb / 10P
   N-Channel Power MOSFET
August, 2006 ??Rev. 7
More results

Podobny opis - MMSF5N03HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMSF5N02HD MOTOROLA-MMSF5N02HD Datasheet
293Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
MMDF5N02Z MOTOROLA-MMDF5N02Z Datasheet
186Kb / 10P
   DUAL TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MMFT6N03HD MOTOROLA-MMFT6N03HD Datasheet
74Kb / 4P
   TMOS POWER 6.0 AMPERES 30 VOLTS
MMDF3N03HD MOTOROLA-MMDF3N03HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.1 AMPERES 30 VOLTS
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
   SINGLE TMOS POWER MOSFET 30 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com