Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT32SJ Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74ACT32SJ
Szczegółowy opis  Quiet Series Quad 2-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT32SJ Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74ACT32SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACT32SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACT32SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACT32SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACT32SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACT32SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACT32SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which damage to the
device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power sup-
ply, temperature, and output/input loading variables. Fairchild does not rec-
ommend operation of FACT
 circuits outside of databook specifications.
DC Electrical Characteristics
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: DIP Package.
Note 5: Max number of outputs defined as (n). Data inputs are 0V to 3V. One output @ GND.
Note 6: Max number of data inputs (n) switching. (n-1) inputs switching 0V to 3V (ACTQ). Input-under-test switching: 3V to threshold (VILD),
0V to threshold (VIHD), f = 1MHZ.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source or Sink Current (IO)
± 50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
± 50 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latch-Up Source or Sink Current
± 300 mA
Junction Temperature (TJ) PDIP
140
°C
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −55°C to +125°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.70
3.76
V
IOH = − 24 mA
5.5
4.86
4.70
4.76
IOH = − 24 mA (Note 2)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.50
0.44
V
IOL = 24 mA
5.5
0.36
0.50
0.44
IOL = 24 mA (Note 2)
IIN
Maximum Input
5.5
± 0.1
±1.0
± 1.0
µAV
I = VCC, GND
Leakage Current
ICCT
Maximum ICC/Input
5.5
0.6
1.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
50
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 3)
5.5
−50
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
2.0
40.0
20.0
µA
VIN = VCC
Supply Current
or GND
VOLP
Quiet Output Maximum
5.0
1.1
1.5
V
Figures 1, 2
Dynamic VOL
(Note 4)(Note 5)
VOLV
Quiet Output
5.0
−0.6
−1.2
V
Figures 1, 2
Minimum Dynamic VOL
(Note 4)(Note 5)
VIHD
Minimum HIGH Level
5.0
1.9
2.2
V
(Note 4)(Note 6)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.2
0.8
V
(Note 4)(Note 6)
Dynamic Input Voltage


Podobny numer części - 74ACT32SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACT32SC FAIRCHILD-74ACT32SC Datasheet
87Kb / 7P
   Quad 2-Input OR Gate
74ACT32SC FAIRCHILD-74ACT32SC Datasheet
104Kb / 7P
   Quad 2-Input OR Gate
74ACT32SC FAIRCHILD-74ACT32SC Datasheet
307Kb / 10P
   Quad 2-Input OR Gate
logo
ON Semiconductor
74ACT32SC ONSEMI-74ACT32SC Datasheet
343Kb / 6P
   Quad 2-Input OR Gate
October-2017, Rev. 2
logo
Fairchild Semiconductor
74ACT32SCX FAIRCHILD-74ACT32SCX Datasheet
307Kb / 10P
   Quad 2-Input OR Gate
More results

Podobny opis - 74ACT32SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
[Old version datasheet]   54ACTQ32QML Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
74ACTQ08 FAIRCHILD-74ACTQ08_07 Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com