Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVC16373MTD Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74ALVC16373MTD
Szczegółowy opis  Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16373MTD Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74ALVC16373MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16373MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16373MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16373MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16373MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16373MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16373MTD Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC16373MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Capacitance
Symbol
Parameter
T A 40qC to 85qC, RL 500:
Units
CL 50 pF
CL 30 pF
V CC 3.3V r 0.3V
V CC 2.7V
V CC 2.5V r 0.2V
V CC 1.8V r 0.15V
Min
Max
Min
Max
Min
Max
Min
Max
tPHL, tPLH Propagation Delay
1.3
3.5
1.5
3.9
1.0
3.4
1.5
6.8
ns
Bus to Bus
tPHL, tPLH Propagation Delay
1.3
3.5
1.5
4.4
1.0
3.9
1.5
7.8
ns
LE to Bus
tPZL, tPZH
Output Enable Time
1.3
4.0
1.5
5.1
1.0
4.6
1.5
9.2
ns
tPLZ, tPHZ
Output Disable Time
1.3
4.0
1.5
4.3
1.0
3.8
1.5
6.8
ns
Symbol
Parameter
Conditions
TA 25qC
Units
VCC
Typical
CIN
Input Capacitance
VI 0V or VCC
3.3
6
pF
COUT
Output Capacitance
VI 0V or VCC
3.3
7
pF
CPD
Power Dissipation Capacitance
Outputs Enabled f
10 MHz, CL 50 pF
3.3
20
pF
2.5
20


Podobny numer części - 74ALVC16373MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74ALVC16373 ONSEMI-74ALVC16373 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
More results

Podobny opis - 74ALVC16373MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841 Datasheet
65Kb / 7P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16841 FAIRCHILD-74ALVC16841 Datasheet
95Kb / 6P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841_04 Datasheet
146Kb / 9P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX32373 FAIRCHILD-74VCX32373 Datasheet
210Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCX16373 FAIRCHILD-74LCX16373 Datasheet
75Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com