Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4N36W Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 4N36W
Szczegółowy opis  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N36W Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  4N36W Datasheet HTML 1Page - Fairchild Semiconductor 4N36W Datasheet HTML 2Page - Fairchild Semiconductor 4N36W Datasheet HTML 3Page - Fairchild Semiconductor 4N36W Datasheet HTML 4Page - Fairchild Semiconductor 4N36W Datasheet HTML 5Page - Fairchild Semiconductor 4N36W Datasheet HTML 6Page - Fairchild Semiconductor 4N36W Datasheet HTML 7Page - Fairchild Semiconductor 4N36W Datasheet HTML 8Page - Fairchild Semiconductor 4N36W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
6/15/05
WHITE PACKAGE (-M SUFFIX)
Page 1 of 15
© 2005 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
BLACK PACKAGE (NO -M SUFFIX)
6
1
6
1
6
1
6
1
6
6
1
1
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
DESCRIPTION
The general purpose optocouplers consist of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a 6-pin
dual in-line package.
FEATURES
Also available in white package by specifying -M suffix, eg. 4N25-M
UL recognized (File # E90700)
VDE recognized (File # 94766)
- Add option V for white package (e.g., 4N25V-M)
- Add option 300 for black package (e.g., 4N25.300)
APPLICATIONS
•Power supply regulators
Digital logic inputs
Microprocessor inputs
SCHEMATIC
PIN 1. ANODE
2. CATHODE
3. NO CONNECTION
4. EMITTER
5. COLLECTOR
6. BASE
2
1
3NC
5
6
4


Podobny numer części - 4N36W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
4N36 MOTOROLA-4N36 Datasheet
276Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
Everlight Electronics C...
4N36 EVERLIGHT-4N36 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
Vishay Siliconix
4N36 VISHAY-4N36 Datasheet
157Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 27-Jan-05
logo
ISOCOM COMPONENTS
4N36 ISOCOM-4N36 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
Toshiba Semiconductor
4N36 TOSHIBA-4N36 Datasheet
333Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
More results

Podobny opis - 4N36W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com