Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F148 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74F148
Szczegółowy opis  8-Line to 3-Line Priority Encoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F148 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74F148 Datasheet HTML 1Page - Fairchild Semiconductor 74F148 Datasheet HTML 2Page - Fairchild Semiconductor 74F148 Datasheet HTML 3Page - Fairchild Semiconductor 74F148 Datasheet HTML 4Page - Fairchild Semiconductor 74F148 Datasheet HTML 5Page - Fairchild Semiconductor 74F148 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.0
7.0
9.0
3.0
10.0
ns
tPHL
In to An
3.0
8.0
10.5
3.0
12.0
tPLH
Propagation Delay
2.5
5.0
6.5
2.5
7.5
ns
tPHL
In to EO
2.5
5.5
7.5
2.5
8.5
tPLH
Propagation Delay
2.5
7.0
9.0
2.5
10.0
ns
tPHL
In to GS
2.5
6.0
8.0
2.5
9.0
tPLH
Propagation Delay
2.5
6.5
8.5
2.5
9.5
ns
tPHL
EI to An
2.5
6.0
8.0
2.5
9.0
tPLH
Propagation Delay
2.5
5.0
7.0
2.5
8.0
ns
tPHL
EI to GS
2.5
6.0
7.5
2.5
8.5
tPLH
Propagation Delay
2.5
5.5
7.0
2.5
8.0
ns
tPHL
EI to EO
3.0
8.0
10.5
3.0
12.0


Podobny numer części - 74F148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
More results

Podobny opis - 74F148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
   8-to-3 Line Priority Encoder
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
329Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
   8-TO-3 LINE PRIORITY ENCODER
logo
Renesas Technology Corp
HD74LS148 RENESAS-HD74LS148 Datasheet
72Kb / 6P
   8-line-to-3-line Octal Priority Encoder
logo
Fairchild Semiconductor
MM74HC148 FAIRCHILD-MM74HC148 Datasheet
77Kb / 8P
   8-3 Line Priority Encoder
logo
National Semiconductor ...
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
   8-3 Line Priority Encoder
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
   8-3 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC148 HITACHI-HD74HC148 Datasheet
45Kb / 8P
   8-to-3-line Octal Priority Encoder
logo
Renesas Technology Corp
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
   8-to-3-line Octal Priority Encoder
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com