Zakładka z wyszukiwarką danych komponentów |
|
74F193PC Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
74F193PC Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page www.fairchildsemi.com 2 Unit Loading/Fan Out Functional Description The 74F193 is a 4-bit binary synchronous up/down (revers- ible) counter. It contains four edge-triggered flip-flops, with internal gating and steering logic to provide master reset, individual preset, count up and count down operations. A LOW-to-HIGH transition on the CP input to each flip-flop causes the output to change state. Synchronous switching, as opposed to ripple counting, is achieved by driving the steering gates of all stages from a common Count Up line and a common Count Down line, thereby causing all state changes to be initiated simultaneously. A LOW-to-HIGH transition on the Count Up input will advance the count by one; a similar transition on the Count Down input will decrease the count by one. While counting with one clock input, the other should be held HIGH, as indicated in the Function Table. The Terminal Count Up (TCU) and Terminal Count Down (TCD) outputs are normally HIGH. When the circuit has reached the maximum count state 15, the next HIGH-to- LOW transition of the Count Up Clock will cause TCU to go LOW. TCU will stay LOW until CPU goes HIGH again, thus effectively repeating the Count Up Clock, but delayed by two gate delays. Similarly, the TCD output will go LOW when the circuit is in the zero state and the Count Down Clock goes LOW. Since the TC outputs repeat the clock waveforms, they can be used as the clock input signals to the next higher order circuit in a multistage counter. TCU = Q0 • Q1 • Q2 • Q3 • CPU TCD = Q0• Q1 • Q2 • Q3 • CPD The 74F193 has an asynchronous parallel load capability permitting the counter to be preset. When the Parallel Load (PL) and the Master Reset (MR) inputs are LOW, informa- tion present on the Parallel Data input (P0–P3) is loaded into the counter and appears on the outputs regardless of the conditions of the clock inputs. A HIGH signal on the Master Reset input will disable the preset gates, override both clock inputs, and latch each Q output in the LOW state. If one of the clock inputs is LOW during and after a reset or load operation, the next LOW-to-HIGH transition of that clock will be interpreted as a legitimate signal and will be counted. Function Table H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial = LOW-to-HIGH Clock Transition State Diagram Pin Names Description U.L. Input IIH/IIL HIGH/LOW Output IOH/IOL CPU Count Up Clock Input (Active Rising Edge) 1.0/3.0 20 µA/−1.8 mA CPD Count Down Clock Input (Active Rising Edge) 1.0/3.0 20 µA/−1.8 mA MR Asynchronous Master Reset Input (Active HIGH) 1.0/1.0 20 µA/−0.6 mA PL Asynchronous Parallel Load Input (Active LOW) 1.0/1.0 20 µA/−0.6 mA P0–P3 Parallel Data Inputs 1.0/1.0 20 µA/−0.6 mA Q0–Q3 Flip-Flop Outputs 50/33.3 −1 mA/20 mA TCD Terminal Count Down (Borrow) Output (Active LOW) 50/33.3 −1 mA/20 mA TCU Terminal Count Up (Carry) Output (Active LOW) 50/33.3 −1 mA/20 mA MR PL CPU CPD Mode H X X X Reset (Asyn.) L L X X Preset (Asyn.) L H H H No Change LH H Count Up LH H Count Down |
Podobny numer części - 74F193PC |
|
Podobny opis - 74F193PC |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |