Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F219SJ Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74F219SJ
Szczegółowy opis  64-Bit Random Access Memory with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F219SJ Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74F219SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F219SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F219SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F219SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F219SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F219SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Access Time, HIGH or LOW
10.0
18.5
26.0
9.0
32.0
10.0
27.0
ns
tPHL
An to On
8.0
13.5
19.0
8.0
23.0
8.0
20.0
tPZH
Access Time, HIGH or LOW
3.5
6.0
8.5
3.5
10.5
3.5
9.5
ns
tPZL
CS to On
5.0
9.0
13.0
5.0
15.0
5.0
14.0
tPHZ
Disable Time, HIGH or LOW
2.0
4.0
6.0
2.0
8.0
2.0
7.0
tPLZ
CS to On
3.0
5.5
8.0
2.5
10.0
3.0
9.0
tPZH
Write Recovery Time
6.5
20.0
28.0
6.5
37.5
6.5
29.0
ns
tPZL
HIGH or LOW, WE to On
6.5
11.0
15.5
6.5
17.5
6.5
16.5
tPHZ
Disable Time, HIGH or LOW
4.0
7.0
10.0
3.5
12.0
4.0
11.0
tPLZ
WE to On
5.0
9.0
13.0
5.0
15.0
5.0
14.0
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
0
0
0
ns
tS(L)
An to WE
00
0
tH(H)
Hold Time, HIGH or LOW
2.0
2.0
2.0
tH(L)
An to WE
2.0
2.0
2.0
tS(H)
Setup Time, HIGH or LOW
10.0
11.0
10.0
ns
tS(L)
Dn to WE
10.0
11.0
10.0
tH(H)
Hold Time, HIGH or LOW
0
2.0
0
tH(L)
Dn to WE
02.0
0
tS(L)
Setup Time, LOW
0
0
0
ns
CS to WE
tH(L)
Hold Time, LOW
6.0
7.5
6.0
CS to WE
tW(L)
WE Pulse Width, LOW
6.0
15.0
6.0
ns


Podobny numer części - 74F219SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F219SJ NSC-74F219SJ Datasheet
164Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
More results

Podobny opis - 74F219SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F189 FAIRCHILD-74F189 Datasheet
58Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
MM74C89 FAIRCHILD-MM74C89 Datasheet
60Kb / 6P
   64-Bit 3-STATE Random Access Read/Write Memory
logo
National Semiconductor ...
54F189DL NSC-54F189DL Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
54F219DL NSC-54F219DL Datasheet
164Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
logo
Fairchild Semiconductor
74LS189 FAIRCHILD-74LS189 Datasheet
159Kb / 3P
   64-BIT RANDOM ACCESS MEMORY
logo
National Semiconductor ...
MM54C89 NSC-MM54C89 Datasheet
130Kb / 6P
   64-Bit TRI-STATE Random Access Read/Write Memory
logo
Texas Instruments
SN7489 TI-SN7489 Datasheet
265Kb / 6P
[Old version datasheet]   64-BIT RANDOM-ACCESS READ/WRITE MEMORY
logo
List of Unclassifed Man...
74LS89 ETC1-74LS89 Datasheet
142Kb / 3P
   64-Bit Random Access Memory(Open Collector)
logo
Texas Instruments
MM54C200 TI1-MM54C200 Datasheet
385Kb / 8P
[Old version datasheet]   256-Bit TRI-STATE Random Access Read/Write Memory
logo
NXP Semiconductors
HEF4505B PHILIPS-HEF4505B Datasheet
96Kb / 8P
   64-bit, 1-bit per word random access read/write memory
January 1995
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com