Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F251 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74F251
Szczegółowy opis  8-Input Multiplexer with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F251 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74F251 Datasheet HTML 1Page - Fairchild Semiconductor 74F251 Datasheet HTML 2Page - Fairchild Semiconductor 74F251 Datasheet HTML 3Page - Fairchild Semiconductor 74F251 Datasheet HTML 4Page - Fairchild Semiconductor 74F251 Datasheet HTML 5Page - Fairchild Semiconductor 74F251 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
This device is a logical implementation of a single-pole, 8-
position switch with the switch position controlled by the
state of three Select inputs, S0, S1, S2. Both assertion and
negation outputs are provided. The Output Enable input
(OE) is active LOW. When it is activated, the logic function
provided at the output is:
Z
= OE •(I
0•S0•S1 •S2 + I1•S0•S 1•S2 +
I2•S0•S1•S2 + I3•S0•S1•S2 +
I4•S0•S1•S2 + I5•S0•S1•S2 +
I6•S0•S1•S2 + I7•S0•S1•S2)
When the Output Enable is HIGH, both outputs are in the
high impedance (High Z) state. This feature allows multi-
plexer expansion by tying the outputs of up to 128 devices
together. When the outputs of the 3-STATE devices are
tied together, all but one device must be in the high imped-
ance state to avoid high currents that would exceed the
maximum ratings. The Output Enable signals should be
designed to ensure there is no overlap in the active LOW
portion of the enable voltages.
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
S0–S2
Select Inputs
1.0/1.0
20
µA/−0.6 mA
OE
3-STATE Output Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
I0–I7
Multiplexer Inputs
1.0/1.0
20
µA/−0.6 mA
Z
3-STATE Multiplexer Output
150/40 (33.3)
−3 mA/24 mA (20 mA)
Z
Complementary 3-STATE Multiplexer Output
150/40 (33.3)
−3 mA/24 mA (20 mA)
Inputs
Outputs
OE
S2
S1
S0
Z
Z
HX
X
X
Z
Z
LL
LL
I0
I0
LL
L
H
I1
I1
LL
H
L
I2
I2
LL
H
H
I3
I3
LH
L
L
I4
I4
LH
L
H
I5
I5
LH
H
L
I6
I6
L
HHH
I7
I7


Podobny numer części - 74F251

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F251A PHILIPS-74F251A Datasheet
46Kb / 5P
   8-input multiplexer 3-State
1996 Jan 05
logo
Fairchild Semiconductor
74F251A FAIRCHILD-74F251A Datasheet
81Kb / 7P
   8-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
74F251A TI1-74F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
74F251APC NSC-74F251APC Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F251APC FAIRCHILD-74F251APC Datasheet
81Kb / 7P
   8-Input Multiplexer with 3-STATE Outputs
More results

Podobny opis - 74F251

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F251A FAIRCHILD-74F251A_00 Datasheet
81Kb / 7P
   8-Input Multiplexer with 3-STATE Outputs
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
Integral Corp.
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC54-74HC251 MOTOROLA-MC54-74HC251 Datasheet
213Kb / 7P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com