Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F365PC Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74F365PC
Szczegółowy opis  Hex Buffer/Driver with 3-STATE Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F365PC Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74F365PC Datasheet HTML 1Page - Fairchild Semiconductor 74F365PC Datasheet HTML 2Page - Fairchild Semiconductor 74F365PC Datasheet HTML 3Page - Fairchild Semiconductor 74F365PC Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
AC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.4
VMin
IOH = −3 mA
Voltage
10% VCC
2.0
IOH = −15 mA
5% VCC
2.7
IOH = −3 mA
VOL
Output LOW
10% VCC
0.55
V
Min
IOL = 64 mA
Voltage
IIH
Input HIGH Current
20
µAMax
VIN = 2.7V
IBVI
Input HIGH Current
100
µA0.0
VIN = 7.0V
Breakdown Test
IIL
Input LOW Current
−20
µAMax
VIN = 0.5V
IOZH
Output Leakage Current
50
µAMax
VOUT = 2.7V
IOZL
Output Leakage Current
−50
µAMax
VOUT = 0.5V
IOS
Output Short-Circuit Current
−100
−225
mA
Max
VOUT = 0V
ICEX
Output HIGH Leakage Current
250
µAMax
VOUT = VCC
IZZ
Bus Drainage Test
500
µA0.0V
VOUT = 5.25V
ICCH
Power Supply Current
25
35
mA
Max
VO = HIGH
ICCL
Power Supply Current
44
62
mA
Max
VO = LOW
ICCZ
Power Supply Current
35
48
mA
Max
VO = HIGH Z
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
2.5
4.6
6.5
2.0
7.0
2.0
7.0
ns
tPHL
In to On
2.54.9
7.02.0
7.02.0
7.5
tPZH
Enable Time
2.5
5.1
9.5
2.0
8.5
2.5
10.0
ns
tPZL
2.55.7
9.02.0
8.52.5
9.5
tPHZ
Disable Time
2.0
3.6
6.5
1.5
6.5
2.0
7.0
ns
tPLZ
2.04.4
6.51.5
9.02.0
7.0


Podobny numer części - 74F365PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F365PCQB NSC-74F365PCQB Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
74F365PCX NSC-74F365PCX Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
More results

Podobny opis - 74F365PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54F365 NSC-54F365 Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F366 FAIRCHILD-74F366 Datasheet
51Kb / 5P
   Hex Inverter Buffer with 3-STATE Outputs
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC365 RENESAS-HD74AC365 Datasheet
91Kb / 6P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC367 HITACHI-HD74AC367 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
STMicroelectronics
M74HC366 STMICROELECTRONICS-M74HC366_01 Datasheet
246Kb / 10P
   HEX BUS BUFFER WITH 3 STATE OUTPUTS (INVERTING)
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com