Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT2688 Arkusz danych(PDF) 1 Page - ADTech

Numer części ADT2688
Szczegółowy opis  Low current receiver IC for the high-end application infrared remote control system
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADTECH [ADTech]
Strona internetowa  
Logo ADTECH - ADTech

ADT2688 Arkusz danych(HTML) 1 Page - ADTech

  ADT2688 Datasheet HTML 1Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADT2688
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
General Description
Features
Wide Operating Supply Voltage 2.7V ~ 5.5 V.
Low current consumption ( Typ. 320uA@3V, 370uA@5V )
Maximum interference safety against VCC noise & light noise
Maximum distance under VCC ripple & light source noise include LCD TV
Carrier frequency 36 / 37.9 / 40 KHz available
High ESD level
Output active low
The ADT2688 is a low current receiver IC for the high-end application infrared
remote control system. It has a wide voltage operating such as 2.7~5.5V, a very high
sensitivity.
These ICs are capable of accepting a photo diode directly and include many excellent
circuit such as a high gain initial amplifier, a gain control amplifier, a limiter, a band
pass filter, a detection circuit, two comparator circuits, gain control circuits, integrator
circuits, a waveform shaping circuit assembled on a single chip.


Podobny numer części - ADT2688

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ADTech
ADT2688TN ADTECH-ADT2688TN Datasheet
30Kb / 1P
   Low current receiver IC for the high-end application infrared remote control system
More results

Podobny opis - ADT2688

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ADTech
ADT2688TN ADTECH-ADT2688TN Datasheet
30Kb / 1P
   Low current receiver IC for the high-end application infrared remote control system
ADT2210 ADTECH-ADT2210 Datasheet
55Kb / 1P
   Low current receiver IC for the code learning infrared remote control system
ADT2689SXX ADTECH-ADT2689SXX Datasheet
29Kb / 1P
   High quality low current receiver IC for infrared remote control system
ADT2550FXX ADTECH-ADT2550FXX Datasheet
38Kb / 1P
   Miniaturized low current receiver IC for infrared remote control system
ADT2550SXX ADTECH-ADT2550SXX Datasheet
30Kb / 1P
   Miniaturized low current receiver IC for infrared remote control system
ADT2689FXX ADTECH-ADT2689FXX Datasheet
30Kb / 1P
   High quality low current receiver IC infrared remote control system
ADT2530FXX ADTECH-ADT2530FXX Datasheet
36Kb / 1P
   Miniaturized receiver IC for infrared remote control system
ADT2520BXX ADTECH-ADT2520BXX Datasheet
32Kb / 1P
   Miniaturized receiver IC for infrared remote control system
ADT2500B ADTECH-ADT2500B Datasheet
31Kb / 1P
   Miniaturized receiver IC for use in the infrared remote control system
ADT2690 ADTECH-ADT2690 Datasheet
30Kb / 1P
   Miniaturized receiver IC for infrarred remote control system
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com