Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT6750 Arkusz danych(PDF) 1 Page - ADTech

Numer części ADT6750
Szczegółowy opis  PWM High-Efficiency LED driver with a built in internal power MOSFET capable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADTECH [ADTech]
Strona internetowa  
Logo ADTECH - ADTech

ADT6750 Arkusz danych(HTML) 1 Page - ADTech

  ADT6750 Datasheet HTML 1Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Feb. 10. 2012 / Preliminary
1/1
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6750
The ADT6750 is a PWM High-Efficiency LED
driver with a built in internal power MOSFET
capable of driving up to 1.2A with excellent
constant current regulation. It is specifically
designed for LED lighting like MR16 applications
with two kinds of input power range - 6VDC to
40VDC and 12VAC to 24VAC.
With enhanced full protection functions, ADT6750
operates safely against abnormal circumstance.
General Description
Features
Typical Application Circuit
Applications
- Constant Current LED Driving
- LED MR16 lighting
- Automotive lighting
- Architecture lighting
- Appliances interior lighting
Maximum 1.2A Constant output current
Wide input voltage range : 6V to 40V
Up to 97% high efficiency
PWM or DC dimming control
Typical 3% output current accuracy
Full protection supported
(Thermal, OCP, UVLO, Soft-start,
LED open protection)
Package : SOT89-5, SOP8-PP(E-PAD)
Figure 1. Typical Application Circuit
SOT89-5
1
2
3
4
5
ADT6750
YYWW
SOP8-PP
1
2 3
5
8
ADT6750
YYWW
4
6
7
8~ 40VDC
ADT6750
YYWW
VIN
E-PAD
CS
SW
GND
DIM
CL
100uF
RCS
286mΩ
LED
3W
D
I = 350mA
L
68uH


Podobny numer części - ADT6750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ADTech
ADT6752 ADTECH-ADT6752 Datasheet
67Kb / 1P
   Step-down converter designed for driving high power LEDs
More results

Podobny opis - ADT6750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DRV590 TI-DRV590 Datasheet
237Kb / 16P
[Old version datasheet]   1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV590 TI1-DRV590_16 Datasheet
318Kb / 18P
[Old version datasheet]   1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
Rohm
BD18351EFV-M ROHM-BD18351EFV-M Datasheet
3Mb / 48P
   LED Driver with Built-in PWM Signal Generation Circuit
logo
Texas Instruments
DRV591 TI-DRV591 Datasheet
141Kb / 16P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591 TI1-DRV591_14 Datasheet
955Kb / 22P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
IK Semicon Co., Ltd
IK2312 IKSEMICON-IK2312 Datasheet
690Kb / 8P
   HIGH-VOLTAGE LED DRIVER WITH BUILT-IN MOSFET SWITCH
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Rohm
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV Datasheet
458Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com