Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F378SJ Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74F378SJ
Szczegółowy opis  Parallel D-Type Register with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F378SJ Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74F378SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F378SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F378SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F378SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F378SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F378SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW
10% VCC
0.5
V
Min
IOL = 20 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICCL
Power Supply Current
30
45
mA
Max
VO = LOW


Podobny numer części - 74F378SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F378SJ NSC-74F378SJ Datasheet
166Kb / 8P
   Parallel D Register with Enable
More results

Podobny opis - 74F378SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74AC378 MOTOROLA-MC74AC378 Datasheet
186Kb / 7P
   PARALLEL D REGISTER WITH ENABLE
logo
National Semiconductor ...
54AC378 NSC-54AC378 Datasheet
175Kb / 8P
   Parallel D Register with Enable
54F378DM NSC-54F378DM Datasheet
166Kb / 8P
   Parallel D Register with Enable
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
Texas Instruments
54F378 TI1-54F378 Datasheet
416Kb / 10P
[Old version datasheet]   54F378 74F378 Parallel D Register with Enable
logo
National Semiconductor ...
54LS379 NSC-54LS379 Datasheet
154Kb / 6P
   Quad Parallel Register with Enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379 Datasheet
56Kb / 6P
   Quad Parallel Register with Enable
logo
STMicroelectronics
T74LS379 STMICROELECTRONICS-T74LS379 Datasheet
325Kb / 4P
   Quad parallel register with enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379_00 Datasheet
78Kb / 7P
   Quad Parallel Register with Enable
logo
National Semiconductor ...
54F379DM NSC-54F379DM Datasheet
166Kb / 8P
   Quad Parallel Register with Enable
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com