Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL001-70BEZ Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXL001-70BEZ
Szczegółowy opis  High Performance, Wide Bandwidth Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXL001
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Acceleration (Any Axis, Unpowered and
Powered)
4000 g
Supply Voltage, VS
−0.3 V to +7.0 V
Output Short-Circuit Duration (VOUT to GND)
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−55°C to +125°C
Soldering Temperature (Soldering, 10 sec)
245°C
Drops onto hard surfaces can cause shocks of greater than
4000 g and can exceed the absolute maximum rating of the
device. Exercise care during handling to avoid damage.
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl