Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL001-500BEZ Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL001-500BEZ
Szczegółowy opis  High Performance, Wide Bandwidth Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
ADXL001
Rev. A | Page 5 of 16
RECOMMENDED SOLDERING PROFILE
Table 3. Soldering Profile Parameters
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/sec maximum
3°C/sec maximum
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX), ts
60 sec to 120 sec
60 sec to 150 sec
TSMAX to TL
Ramp-Up Rate
3°C/sec
3°C/sec
Time Maintained Above Liquidous (tL)
Liquidous Temperature (TL)
183°C
217°C
Liquidous Time (tL)
60 sec to 150 sec
60 sec to 150 sec
Peak Temperature (TP)
240°C + 0°C/−5°C
260°C + 0°C/−5°C
Time Within 5°C of Actual Peak Temperature (tP)
10 sec to 30 sec
20 sec to 40 sec
Ramp-Down Rate
6°C/sec maximum
6°C/sec maximum
Time 25°C to Peak Temperature (tPEAK)
6 minute maximum
8 minute maximum
Soldering Profile Diagram
tP
tL
tPEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME (t)
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 3. Soldering Profile Diagram




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl