Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F544SC Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74F544SC
Szczegółowy opis  Octal Registered Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F544SC Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74F544SC Datasheet HTML 1Page - Fairchild Semiconductor 74F544SC Datasheet HTML 2Page - Fairchild Semiconductor 74F544SC Datasheet HTML 3Page - Fairchild Semiconductor 74F544SC Datasheet HTML 4Page - Fairchild Semiconductor 74F544SC Datasheet HTML 5Page - Fairchild Semiconductor 74F544SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
3.0
7.0
9.5
3.0
12.0
3.0
10.5
tPHL
Transparent Mode
3.0
5.0
6.5
2.5
8.5
3.0
7.5
ns
An to Bn or Bnto An
tPLH
Propagation Delay
6.0
10.0
13.0
6.0
18.0
6.0
14.5
ns
tPHL
LEBA to An
4.0
7.0
9.5
4.0
11.5
4.0
10.5
tPLH
Propagation Delay
6.0
10.0
13.0
6.0
18.0
6.0
14.5
ns
tPHL
LEAB to Bn
4.0
7.0
9.5
4.0
11.5
4.0
10.5
tPZH
Output Enable Time
3.0
7.0
9.0
3.0
11.0
3.0
10.0
ns
tPZL
OEBA or OEAB to An or Bn
4.0
7.5
10.5
4.0
13.0
4.0
12.0
CEBA or CEAB to An or Bn
tPHZ
Output Disable Time
1.0
6.0
8.0
2.0
10.0
1.0
9.0
tPLZ
OEBA or OEAB to An or Bn
2.5
5.5
10.5
2.0
9.5
2.5
11.5
CEBA or CEAB to An or Bn
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
3.0
3.0
3.0
ns
tS(L)
An or Bn to LEBA or LEAB
3.0
3.0
3.0
tH(H)
Hold Time, HIGH or LOW
3.0
3.0
3.0
tH(L)
An or Bn to LEBA or LEAB
3.0
3.0
3.0
tW(L)
Latch Enable, B to A
6.0
9.0
7.5
ns
Pulse Width, LOW


Podobny numer części - 74F544SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F544SC NSC-74F544SC Datasheet
186Kb / 10P
   Octal Registered Transceiver
74F544SCQB NSC-74F544SCQB Datasheet
186Kb / 10P
   Octal Registered Transceiver
More results

Podobny opis - 74F544SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543_00 Datasheet
78Kb / 7P
   Octal Registered Transceiver
logo
National Semiconductor ...
74FCT543A NSC-74FCT543A Datasheet
427Kb / 5P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74ABT2952 FAIRCHILD-74ABT2952 Datasheet
93Kb / 8P
   Octal Registered Transceiver
logo
National Semiconductor ...
54F544DM NSC-54F544DM Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543 Datasheet
67Kb / 7P
   Octal Registered Transceiver
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
NXP Semiconductors
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com