Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F623PC Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74F623PC
Szczegółowy opis  Inverting Octal Bus Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F623PC Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74F623PC Datasheet HTML 1Page - Fairchild Semiconductor 74F623PC Datasheet HTML 2Page - Fairchild Semiconductor 74F623PC Datasheet HTML 3Page - Fairchild Semiconductor 74F623PC Datasheet HTML 4Page - Fairchild Semiconductor 74F623PC Datasheet HTML 5Page - Fairchild Semiconductor 74F623PC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA (Non I/O Pins)
VOH
Output HIGH
10% VCC
2.0
V
Min
IOH = −15 mA (An, Bn)
Voltage
VOL
Output LOW
10% VCC
0.55
V
Min
IOL = 64 mA (An, Bn)
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V (GBA, GAB)
Breakdown Test
IBVIT
Input HIGH Current
0.5
mA
Max
VIN = 5.5V (An, Bn)
Breakdown (I/O)
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V (Non I/O Pins)
IIH + IOZH
Output Leakage Current
70
µAMax
VOUT = 2.7V (An, Bn)
IIL + IOZL
Output Leakage Current
−650
µAMax
VOUT = 0.5V (An, Bn)
IOS
Output Short-Circuit Current
−100
−225
mA
Max
VOUT = 0V
IZZ
Bus Drainage Test
500
µA0.0V
VOUT = 5.25V
ICCH
Power Supply Current (74F620)
82
mA
Max
VO = HIGH, VIN = 0.2V
ICCL
Power Supply Current (74F620)
82
mA
Max
VO = LOW
ICCZ
Power Supply Current (74F620)
95
mA
Max
VO = HIGH Z
ICCH
Power Supply Current (74F623)
65
mA
Max
VO = HIGH
ICCL
Power Supply Current (74F623)
82
mA
Max
VO = LOW, VIN = 0.2V
ICCZ
Power Supply Current (74F623)
85
mA
Max
VO = HIGH Z


Podobny numer części - 74F623PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F623 PHILIPS-74F623 Datasheet
96Kb / 12P
   Octal bus transceiver, inverting 3tate
1989 Apr 06
More results

Podobny opis - 74F623PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC640 STMICROELECTRONICS-M74HC640 Datasheet
307Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
logo
Unisonic Technologies
U74LVC640 UTC-U74LVC640 Datasheet
208Kb / 5P
   OCTAL BUS TRANSCEIVER WITH 3-STATE INVERTING OUTPUTS
logo
Motorola, Inc
MC74F640 MOTOROLA-MC74F640 Datasheet
88Kb / 4P
   OCTAL BUS TRANSCEIVER, INVERTING WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
Motorola, Inc
MC74F620 MOTOROLA-MC74F620 Datasheet
108Kb / 5P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS (INVERTING AND NONINVERTING)
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com