Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F640SC Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74F640SC
Szczegółowy opis  Octal Bus Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F640SC Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74F640SC Datasheet HTML 1Page - Fairchild Semiconductor 74F640SC Datasheet HTML 2Page - Fairchild Semiconductor 74F640SC Datasheet HTML 3Page - Fairchild Semiconductor 74F640SC Datasheet HTML 4Page - Fairchild Semiconductor 74F640SC Datasheet HTML 5Page - Fairchild Semiconductor 74F640SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics 74F640
AC Electrical Characteristics 74F645
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.5
7.5
2.0
8.0
ns
tPHL
A Input to B Output
2.0
7.0
2.0
7.0
tPLH
Propagation Delay
2.5
7.5
2.0
8.0
ns
tPHL
B Input to A Output
2.0
7.0
2.0
7.0
tPZH
Enable Time
2.5
7.5
2.0
9.0
ns
tPZL
OE Input to A Output
2.5
8.0
2.0
8.5
tPHZ
Disable Time
1.5
7.0
1.0
7.5
tPLZ
OE Input to A Output
1.5
6.0
1.5
6.0
tPZH
Enable Time
2.5
7.5
2.0
9.0
ns
tPZL
OE Input to B Output
2.5
8.0
2.0
8.5
tPHZ
Disable Time
1.5
7.0
1.0
7.5
tPLZ
OE Input to B Output
1.5
6.0
1.5
6.0
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.5
6.0
1.5
7.0
ns
tPHL
A Input to B Output
2.0
7.0
2.0
7.5
tPLH
Propagation Delay
1.5
6.0
1.5
7.0
ns
tPHL
B Input to A Output
2.0
7.0
2.0
7.5
tPZH
Enable Time
2.5
8.0
2.0
9.0
ns
tPZL
OE Input to A Output
2.5
8.5
2.0
8.5
tPHZ
Disable Time
1.5
7.0
1.0
8.0
tPLZ
OE Input to A Output
1.0
5.5
1.0
5.5
tPZH
Enable Time
2.5
7.5
2.0
9.5
ns
tPZL
OE Input to B Output
2.5
8.5
2.5
9.0
tPHZ
Disable Time
1.5
6.5
1.0
7.5
tPLZ
OE Input to B Output
1.0
5.5
1.0
5.5


Podobny numer części - 74F640SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
More results

Podobny opis - 74F640SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com