Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F646SPC Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74F646SPC
Szczegółowy opis  Octal Transceiver/Register with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F646SPC Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74F646SPC Datasheet HTML 1Page - Fairchild Semiconductor 74F646SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F646SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F646SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F646SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F646SPC Datasheet HTML 6Page - Fairchild Semiconductor 74F646SPC Datasheet HTML 7Page - Fairchild Semiconductor 74F646SPC Datasheet HTML 8Page - Fairchild Semiconductor 74F646SPC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009580
www.fairchildsemi.com
March 1988
Revised August 1999
74F646 • 74F646B • 74F648
Octal Transceiver/Register with 3-STATE Outputs
General Description
These devices consist of bus transceiver circuits with 3-
STATE, D-type flip-flops, and control circuitry arranged for
multiplexed transmission of data directly from the input bus
or from the internal registers. Data on the A or B bus will be
clocked into the registers as the appropriate clock pin goes
to a high logic level. Control G and direction pins are pro-
vided to control the transceiver function. In the transceiver
mode, data present at the high impedance port may be
stored in either the A or the B register or in both. The select
controls can multiplex stored and real-time (transparent
mode) data. The direction control determines which bus
will receive data when the enable control G is Active LOW.
In the isolation mode (control G HIGH), A data may be
stored in the B register and/or B data may be stored in the
A register.
Features
s Independent registers for A and B buses
s Multiplexed real-time and stored data
s 74F648 has inverting data paths
s 74F646/74F646B have non-inverting data paths
s 74F646B is a faster version of the 74F646
s 3-STATE outputs
s 300 mil slim DIP
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
74F646SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F646MSA
MSA24
24-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
74F646SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide
74F646BSC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F646BSPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide
74F648SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F648SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide


Podobny numer części - 74F646SPC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F646SPC NSC-74F646SPC Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F646SPC FAIRCHILD-74F646SPC Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
74F646SPCQB NSC-74F646SPCQB Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F646SPCX NSC-74F646SPCX Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results

Podobny opis - 74F646SPC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com