Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN4696E Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADN4696E
Szczegółowy opis  High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN4696E Arkusz danych(HTML) 1 Page - Analog Devices

  ADN4696E Datasheet HTML 1Page - Analog Devices ADN4696E Datasheet HTML 2Page - Analog Devices ADN4696E Datasheet HTML 3Page - Analog Devices ADN4696E Datasheet HTML 4Page - Analog Devices ADN4696E Datasheet HTML 5Page - Analog Devices ADN4696E Datasheet HTML 6Page - Analog Devices ADN4696E Datasheet HTML 7Page - Analog Devices ADN4696E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluation Board User Guide
UG-361
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
High Speed Evaluation Board for Full Duplex M-LVDS Transceivers (ADN4692E,
ADN4693E, ADN4695E, and ADN4697E)
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 8
FEATURES
Easy evaluation of full-duplex M-LVDS transceivers
ADN4692E, ADN4693E, ADN4695E, and ADN4697E
Board layout optimized for high speed signaling
Matched track lengths on M-LVDS input/output differential
pairs, with controlled 50 Ω impedance tracks
SMB jack inputs/outputs for high speed connections
Logic signals: RO, RE, DE, and DI
M-LVDS bus signals: A, B, Y, and Z
Power/ground connections through screw terminal blocks
Jumper selectable enable/disable for RE and DE
Test points for measuring all signals and multiple ground
points to facilitate probing of multiple signals
50 Ω termination resistors across A and B, and Y and Z, to
simulate double-terminated bus
APPLICATIONS
Full-duplex M-LVDS part evaluation
EVALUATION KIT CONTENTS
1 EVAL-ADN469xEFDEBZ
1 ADN4692EBRZ
1 ADN4693EBRZ
1 ADN4695EBRZ
1 ADN4697EBRZ
EVAL-ADN469xEFDEBZ
Figure 1.
GENERAL DESCRIPTION
The EVAL-ADN469xEFDEBZ allows quick and easy evaluation
of full-duplex M-LVDS transceivers (ADN4692E, ADN4693E,
ADN4695E, and ADN4697E). The evaluation board allows all
of the input and output functions to be exercised without the
need for external components. Screw terminal blocks provide
convenient connections for power and ground, with SMB jack
connectors for high speed logic and M-LVDS bus signals.
The evaluation board has a 14-lead SOIC footprint for a full-duplex
M-LVDS transceiver from the ADN469xE family (see Table 1).
Table 1. ADN469xE Selection Table
Part No.
Receiver Type
Data Rate
Package
Half-Duplex/Full-Duplex
Evaluation Board
ADN4690E
Type 1
100 Mbps
8-lead SOIC
Half
EVAL-ADN469xEHDEBZ
ADN4691E
Type 1
200 Mbps
8-lead SOIC
Half
EVAL-ADN469xEHDEBZ
ADN4692E
Type 1
100 Mbps
14-lead SOIC
Full
EVAL-ADN469xEFDEBZ
ADN4693E
Type 1
200 Mbps
14-lead SOIC
Full
EVAL-ADN469xEFDEBZ
ADN4694E
Type 2
100 Mbps
8-lead SOIC
Half
EVAL-ADN469xEHDEBZ
ADN4695E
Type 2
100 Mbps
14-lead SOIC
Full
EVAL-ADN469xEFDEBZ
ADN4696E
Type 2
200 Mbps
8-lead SOIC
Half
EVAL-ADN469xEHDEBZ
ADN4697E
Type 2
200 Mbps
14-lead SOIC
Full
EVAL-ADN469xEFDEBZ


Podobny numer części - ADN4696E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4696E AD-ADN4696E Datasheet
452Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex
REV. A
ADN4696E AD-ADN4696E Datasheet
364Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4696E AD-ADN4696E Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4696E AD-ADN4696E Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4696E AD-ADN4696E Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results

Podobny opis - ADN4696E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
UG-390 AD-UG-390 Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4693E-1 AD-ADN4693E-1 Datasheet
949Kb / 17P
   3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver
Rev. 0
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
logo
Texas Instruments
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
[Old version datasheet]   4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com