Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCX04BQX Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części 74LCX04BQX
Szczegółowy opis  Low Voltage Hex Inverter with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX04BQX Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button 74LCX04BQX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX04BQX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX04BQX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX04BQX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX04BQX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX04BQX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX04BQX Datasheet HTML 9Page - Fairchild Semiconductor 74LCX04BQX Datasheet HTML 10Page - Fairchild Semiconductor 74LCX04BQX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
Tape and Reel Specification
Tape Format for DQFN
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
BQX
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape Size
ABC
DN
W1
W2
12 mm
13.0
0.059
0.512
0.795
2.165
0.488
0.724
(330.0)
(1.50)
(13.00)
(20.20)
(55.00)
(12.4)
(18.4)


Podobny numer części - 74LCX04BQX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LCX04BQX ONSEMI-74LCX04BQX Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX04BQX FAIRCHILD-74LCX04BQX_08 Datasheet
770Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
More results

Podobny opis - 74LCX04BQX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04_08 Datasheet
770Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
   Low voltage CMOS HEX inverter with 5V tolerant inputs
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
September 2001
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com