Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCX11 Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części 74LCX11
Szczegółowy opis  Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX11 Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button 74LCX11 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 10Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 3.0mm
Package Number MLP014A


Podobny numer części - 74LCX11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LCX11 ONSEMI-74LCX11 Datasheet
683Kb / 13P
   Low Voltage Triple 3-Input AND Gate 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX112 FAIRCHILD-74LCX112 Datasheet
99Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LCX112 FAIRCHILD-74LCX112 Datasheet
102Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX112 ONSEMI-74LCX112 Datasheet
205Kb / 11P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Revised February 2001
logo
Fairchild Semiconductor
74LCX112M FAIRCHILD-74LCX112M Datasheet
99Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
More results

Podobny opis - 74LCX11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX11 FAIRCHILD-74LCX11_08 Datasheet
798Kb / 13P
   Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX11 ONSEMI-74LCX11 Datasheet
683Kb / 13P
   Low Voltage Triple 3-Input AND Gate 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX11MTCX FAIRCHILD-74LCX11MTCX Datasheet
798Kb / 13P
   74LCX11 Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
74LCX27 FAIRCHILD-74LCX27 Datasheet
92Kb / 8P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
74LCX10 FAIRCHILD-74LCX10 Datasheet
107Kb / 8P
   Low Voltage Triple 3-Input NAND Gate with 5V Tolerant Inputs
74LCX27 FAIRCHILD-74LCX27_05 Datasheet
110Kb / 9P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX27 STMICROELECTRONICS-74LVX27 Datasheet
128Kb / 8P
   LOW VOLTAGE CMOS TRIPLE 3 INPUT NOR GATE WITH 5V TOLERANT INPUTS
July 2001
74LVX27 STMICROELECTRONICS-74LVX27_04 Datasheet
212Kb / 11P
   LOW VOLTAGE CMOS TRIPLE 3-INPUT NOR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com