Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCX112SJ Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74LCX112SJ
Szczegółowy opis  Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX112SJ Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74LCX112SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LCX112SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LCX112SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCX112SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX112SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX112SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX112SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCX112SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCX112SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms Generic for LCX Family
FIGURE 1. AC Test Circuit
(CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay, Pulse Width and trec Waveforms
3-STATE Output High Enable and
Disable TImes for Logic
3-STATE Output Low Enable and
Disable Times for Logic
Setup Time, Hold TIme and Recovery TIme for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Pulse Characteristics; f=1MHz, tr=tf=3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V
VCC x 2 at VCC = 2.5 ± 0.2V
tPZH,tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V


Podobny numer części - 74LCX112SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LCX112SJ ONSEMI-74LCX112SJ Datasheet
205Kb / 11P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Revised February 2001
More results

Podobny opis - 74LCX112SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LCX112 ONSEMI-74LCX112 Datasheet
205Kb / 11P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Revised February 2001
logo
Fairchild Semiconductor
74LCX112MTCX FAIRCHILD-74LCX112MTCX Datasheet
102Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
NXP Semiconductors
74ALS112A PHILIPS-74ALS112A Datasheet
92Kb / 10P
   Dual J-K negative edge-triggered flip-flop
1991 Feb 08
logo
Texas Instruments
SN74F112NSR TI1-SN74F112NSR Datasheet
627Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
logo
NXP Semiconductors
74F112 PHILIPS-74F112 Datasheet
83Kb / 10P
   Dual J-K negative edge-triggered flip-flop
1990 Feb 09
logo
Mitsubishi Electric Sem...
M74LS73AP MITSUBISHI-M74LS73AP Datasheet
220Kb / 4P
   DUAL J-K NEGATIVE EDGE-TRIGGERED FLIP FLOP WITH RESET
logo
Fairchild Semiconductor
74LCX74 FAIRCHILD-74LCX74 Datasheet
89Kb / 11P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX74 ONSEMI-74LCX74 Datasheet
682Kb / 13P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
logo
Unisonic Technologies
U74LCX74 UTC-U74LCX74 Datasheet
175Kb / 7P
   LOW VOLTAGE DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP WITH 5V TOLERANT INPUTS
logo
Texas Instruments
74ACT11112 TI-74ACT11112 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com