Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCX138MX Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części 74LCX138MX
Szczegółowy opis  Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX138MX Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LCX138MX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX138MX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX138MX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX138MX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX138MX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX138MX Datasheet HTML 9Page - Fairchild Semiconductor 74LCX138MX Datasheet HTML 10Page - Fairchild Semiconductor 74LCX138MX Datasheet HTML 11Page - Fairchild Semiconductor 74LCX138MX Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.fairchildsemi.com
8
Tape and Reel Specification
Tape Format for DQFN
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
BQX
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape Size
ABC
DN
W1
W2
12 mm
13.0
0.059
0.512
0.795
2.165
0.488
0.724
(330.0)
(1.50)
(13.00)
(20.20)
(55.00)
(12.4)
(18.4)


Podobny numer części - 74LCX138MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LCX138M ONSEMI-74LCX138M Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
74LCX138MTC ONSEMI-74LCX138MTC Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
logo
STMicroelectronics
74LCX138MTR STMICROELECTRONICS-74LCX138MTR Datasheet
299Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV) WITH 5V TOLERANT INPUTS
74LCX138MTR STMICROELECTRONICS-74LCX138MTR Datasheet
309Kb / 17P
   Low voltage CMOS 3 to 8 line decoder (Inverter) with 5V tolerant inputs
More results

Podobny opis - 74LCX138MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74LCX138 MOTOROLA-MC74LCX138 Datasheet
162Kb / 8P
   Low-Voltage CMOS 1-of-8 Decoder/Demultiplexer With 5V-Tolerant Inputs
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138 Datasheet
98Kb / 8P
   Low Voltage 1-of-8 Decoder/Demultiplexer
74LVX138 FAIRCHILD-74LVX138 Datasheet
79Kb / 7P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX157 ONSEMI-74LVX157 Datasheet
183Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LCX138 ONSEMI-74LCX138 Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138_01 Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX138 ONSEMI-74LVX138 Datasheet
185Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
MC74HCT138A ONSEMI-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
1995 REV 6
logo
Motorola, Inc
MC74HCT138A MOTOROLA-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT138A ONSEMI-MC74HCT138A_15 Datasheet
100Kb / 7P
   1-of-8 Decoder/ Demultiplexer with LSTTL Compatible Inputs
June, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com