Zakładka z wyszukiwarką danych komponentów |
|
ISL3170E Arkusz danych(PDF) 5 Page - Intersil Corporation |
|
ISL3170E Arkusz danych(HTML) 5 Page - Intersil Corporation |
5 / 19 page 5 FN6307.5 June 8, 2012 Absolute Maximum Ratings Thermal Information VCC to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Input Voltages DI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V DE, RE (Note 20) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V Input/Output Voltages A, B, Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -8V to +13V RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V) Short Circuit Duration Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C Thermal Resistance (Typical, Note 4) θJA (°C/W) 8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . 105 8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . . 140 10 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . 190 14 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . 128 Maximum Junction Temperature (Plastic Package) . . . . . . +150°C Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTE: 4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. Electrical Specifications Test Conditions: VCC = 3.0V to 3.6V; Unless Otherwise Specified. Typicals are at VCC = 3.3V, TA = +25°C, (Note 5) PARAMETER SYMBOL TEST CONDITIONS TEMP (°C) MIN (Note 19) TYP MAX (Note 19) UNITS DC CHARACTERISTICS Driver Differential VOUT VOD RL = 100Ω (RS-422) (Figure 1A, Note 16) Full 2 2.3 - V RL = 54Ω (RS-485) (Figure 1A) Full 1.5 2 VCC V No Load - - VCC RL = 60Ω, -7V ≤ VCM ≤ 12V (Figure 1B) Full 1.5 2.2 - V Change in Magnitude of Driver Differential VOUT for Complementary Output States ΔVOD RL = 54Ω or 100Ω (Figure 1A) Full - 0.01 0.2 V Driver Common-Mode VOUT VOC RL = 54Ω or 100Ω (Figure 1A) Full - 2 3 V Change in Magnitude of Driver Common-Mode VOUT for Complementary Output States ΔVOC RL = 54Ω or 100Ω (Figure 1A) Full - 0.01 0.2 V Logic Input High Voltage VIH DI, DE, RE Full 2 - - V Logic Input Low Voltage VIL DI, DE, RE Full - - 0.8 V Logic Input Hysteresis VHYS DE, RE (Note 15) 25 - 100 - mV Logic Input Current IIN1 DI = DE = RE = 0V or VCC (Note 18) Full -2 - 2 μA Input Current (A, B, A/Y, B/Z) IIN2 DE = 0V, VCC = 0V or 3.6V VIN = 12V Full - 80 125 μA VIN = -7V Full -100 -50 - μA Output Leakage Current (Y, Z) (Full Duplex Versions Only, Note 13) IIN3 RE = 0V, DE = 0V, VCC = 0V or 3.6V VIN = 12V Full - 10 40 μA VIN = -7V Full -40 -10 - μA Output Leakage Current (Y, Z) in Shutdown Mode (Full Duplex, Note 13) IIN4 RE = VCC, DE = 0V, VCC = 0V or 3.6V VIN = 12V Full - 10 40 μA VIN = -7V Full -40 -10 - μA Driver Short-Circuit Current, VO = High or Low IOSD1 DE = VCC, -7V ≤ VY or VZ ≤ 12V (Note 7) Full - - ±250 mA Receiver Differential Threshold Voltage VTH -7V ≤ VCM ≤ 12V Full -200 -125 -50 mV Receiver Input Hysteresis ΔVTH VCM = 0V 25 - 15 - mV ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E,ISL3176E, ISL3177E, ISL3178E |
Podobny numer części - ISL3170E |
|
Podobny opis - ISL3170E |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |