Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCX16500 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74LCX16500
Szczegółowy opis  Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16500 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74LCX16500 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16500 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16500 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16500 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16500 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16500 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16500 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16500 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16500 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 10: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
Note 11: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
20
µA
3.6V
≤ V
I, VO ≤ 5.5V (Note 10)
2.3
− 3.6
±20
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3
− 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500 Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
170
MHz
tPHL
Propagation Delay
1.5
6.0
1.5
7.0
1.5
7.2
ns
tPLH
Bus to Bus
1.5
6.0
1.5
7.0
1.5
7.2
tPHL
Propagation Delay
1.5
6.7
1.5
8.0
1.5
8.4
ns
tPLH
Clock to Bus
1.5
6.7
1.5
8.0
1.5
8.4
tPHL
Propagation Delay
1.5
7.0
1.5
8.0
1.5
8.4
ns
tPLH
LE to Bus
1.5
7.0
1.5
8.0
1.5
8.4
tPZL
Output Enable Time
1.5
7.2
1.5
8.2
1.5
9.4
ns
tPZH
1.57.2
1.58.2
1.59.4
tPLZ
Output Disable Time
1.5
7.0
1.5
8.0
1.5
8.4
ns
tPHZ
1.57.0
1.58.0
1.58.4
tS
Setup Time
2.5
2.5
3.0
ns
tH
Hold Time
1.5
1.5
2.0
ns
tW
Pulse Width
3.0
3.0
3.5
ns
tOSHL
Output to Output Skew
1.0
ns
tOSLH
(Note 11)
1.0
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH =2.5V, VIL = 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.8
V
CL = 30 pF, VIH =2.5V, VIL = 0V
2.5
−0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
CI/O
Input/Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
20
pF


Podobny numer części - 74LCX16500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LCX16500 ONSEMI-74LCX16500 Datasheet
210Kb / 12P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised June 2002
74LCX16500G ONSEMI-74LCX16500G Datasheet
210Kb / 12P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised June 2002
74LCX16500MEA ONSEMI-74LCX16500MEA Datasheet
210Kb / 12P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised June 2002
74LCX16500MTD ONSEMI-74LCX16500MTD Datasheet
210Kb / 12P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised June 2002
More results

Podobny opis - 74LCX16500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX16501 FAIRCHILD-74LCX16501 Datasheet
84Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
74LCX32500 FAIRCHILD-74LCX32500 Datasheet
85Kb / 8P
   Low Voltage 36-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16601 FAIRCHILD-74ALVC16601 Datasheet
100Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
61Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com