Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA-10 Arkusz danych(PDF) 1 Page - Cooper Bussmann, Inc.

Numer części TPA-10
Szczegółowy opis  Telpower짰 DC Power Distribution Fuses 170 Volts, DC, 3??0 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COOPER [Cooper Bussmann, Inc.]
Strona internetowa  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPA-10 Arkusz danych(HTML) 1 Page - Cooper Bussmann, Inc.

  TPA-10 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPA-10 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12-28-98
SB98107
Rev. A
Bussmann®
Telpower® DC Power Distribution Fuses
TPA
170 Volts, DC, 3–50 Amps
Form No. TPA
Page 1 of 2
BIF Doc #5012
4.83
.19"
38.10
1.50"
14.61
.58"
10.31
.41"
CATALOG SYMBOL: TPA and TPA-B
DC POWER DISTRIBUTION FUSES
AMPERE RATING: 3-50 Amps
VOLTAGE RATING: TPA - 170 VOLTS DC; TPA-B - 65V DC
INTERRUPTING RATINGS: TPA, 100 kA; TPA-B, 20kA
CONSTRUCTION:
• SILVER-PLATED BRASS FERRULES AND INDICATOR PIN.
• GLASS MELAMINE TUBE.
AGENCY APPROVALS:
U.L. RECOGNIZED (GUIDE # JFHR2, FILE E56412)
CSA CERTIFIED, CLASS 1422-30, FILE 53787
Dimensional Data – TPA Fuses
• Recognized branch circuit protection.
• Current-limiting capability.
• Complete system coordination capability.
• Use with Telpower TP15914 and TP15900-4
Disconnect Switches.
• Five position spare fuseholder available –
Part No. 5TPH.
Catalog Numbers
TPA-3
TPA-25
TPA-B-20
TPA-5
TPA-30
TPA-B-25
TPA-10
TPA-40
TPA-15
TPA-50
TPA-20
DOUBLE SIDED
ADHESIVE TAPE
75.57
2.98"
26.16
1.03"
SPARE FUSE
HOLDER BODY
15.88
.63"
Five Position Spare Fuseholder – 5TPH


Podobny numer części - TPA-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teledyne Technologies I...
TPA-13-6003 TELEDYNE-TPA-13-6003 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 13 GHz
TPA-13-6004 TELEDYNE-TPA-13-6004 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 13 GHz
TPA-13-6005 TELEDYNE-TPA-13-6005 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 13 GHz
TPA-13-6014 TELEDYNE-TPA-13-6014 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 13 GHz
TPA-13-6015 TELEDYNE-TPA-13-6015 Datasheet
887Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
More results

Podobny opis - TPA-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
TPS-1 COOPER-TPS-1 Datasheet
41Kb / 2P
   Telpower짰 Fuses 1 to 70 Amps, 170 Volts DC
TPS-2 COOPER-TPS-2 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
TPS-1 COOPER-TPS-1_15 Datasheet
492Kb / 3P
   DC power distribution non-indicating fuses
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Marathon Special Produc...
PV10BW MARATHON-PV10BW Datasheet
170Kb / 3P
   30 Amps 1000 Volts DC
REV-D 05-23-17
PV15BW32 MARATHON-PV15BW32 Datasheet
233Kb / 4P
   32 Amps 1500 Volts DC
REV-B 01/27/19
logo
ON Semiconductor
NTTS2P03R2G ONSEMI-NTTS2P03R2G Datasheet
80Kb / 6P
   Power MOSFET ??.48 Amps, ??0 Volts
June, 2005 ??Rev. 2
logo
Cooper Bussmann, Inc.
70N-10A COOPER-70N-10A Datasheet
55Kb / 2P
   Telpower짰 Indicating Fuse and Holder 300 Volts DC ??1/10-10A
logo
Marathon Special Produc...
132X474 MARATHON-132X474 Datasheet
82Kb / 3P
   175 Amps 600 Volts AC/DC
REV-B 11/13/13
141X201 MARATHON-141X201 Datasheet
388Kb / 3P
   115 Amps 600 Volts AC/DC
REV-C 12/16/16
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com