Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCX27 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części 74LCX27
Szczegółowy opis  Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX27 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

  74LCX27 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX27 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.fairchildsemi.com
8
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Podobny numer części - 74LCX27

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX27 FAIRCHILD-74LCX27 Datasheet
110Kb / 9P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
logo
National Semiconductor ...
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
74LCX273FT TOSHIBA-74LCX273FT Datasheet
216Kb / 12P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-09-26 Rev.3.0
logo
National Semiconductor ...
74LCX273MSA NSC-74LCX273MSA Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX273MSAX NSC-74LCX273MSAX Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Podobny opis - 74LCX27

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX27 FAIRCHILD-74LCX27_05 Datasheet
110Kb / 9P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX27 STMICROELECTRONICS-74LVX27 Datasheet
128Kb / 8P
   LOW VOLTAGE CMOS TRIPLE 3 INPUT NOR GATE WITH 5V TOLERANT INPUTS
July 2001
74LVX27 STMICROELECTRONICS-74LVX27_04 Datasheet
212Kb / 11P
   LOW VOLTAGE CMOS TRIPLE 3-INPUT NOR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX11 FAIRCHILD-74LCX11 Datasheet
83Kb / 11P
   Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
74LCX11 FAIRCHILD-74LCX11_08 Datasheet
798Kb / 13P
   Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
74LCX10 FAIRCHILD-74LCX10 Datasheet
107Kb / 8P
   Low Voltage Triple 3-Input NAND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX11 ONSEMI-74LCX11 Datasheet
683Kb / 13P
   Low Voltage Triple 3-Input AND Gate 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX11MTCX FAIRCHILD-74LCX11MTCX Datasheet
798Kb / 13P
   74LCX11 Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
74LCX02 FAIRCHILD-74LCX02 Datasheet
91Kb / 8P
   Low Voltage Quad 2-Input NOR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX02 STMICROELECTRONICS-74LVX02 Datasheet
162Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com