Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28022FRZR5453 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL28022FRZR5453
Szczegółowy opis  Precision Digital Power Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28022FRZR5453 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL28022FRZR5453 Datasheet HTML 2Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 3Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 4Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 5Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 6Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 7Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 8Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 9Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ISL28022
6
FN8386.1
April 26, 2013
VBUS
Useful Bus Voltage Range
BRNG = 0
0
16
V
BRNG = 1
0
32
V
BRNG = 2, 3
0
60
V
VBUS_Step
LSB Step Size, Bus Voltage
BRNG = 0
4
mV
VBUS_VCO
VBUS Voltage Coefficient
50
ppm/V
RVBACT
Input Impedance, VBUS Pin
Active Mode
600
DC ACCURACY
ADC Resolution (Native)
PGA gain = /1,
VSENSE = ±300mV
16
Bits
Current Measurement Error
TA = +25°C
±0.2
±0.3
%
Current Measurement Error Over
Temperature
TA = -40°C to +85°C
±0.5%
%
TA = -40°C to +125°C
±1%
%
Bus Voltage Measurement Error
TA = +25°C
±0.2
±0.3
%
Bus Voltage Measurement Error Over
Temperature
TA = -40°C to +85°C
±0.5%
%
TA = -40°C to +125°C
±1%
%
ADC TIMING SPECS
ts
ADC Conversion Time
ADC setting = 0000
72
79.2
µs
ADC setting = 0001
132
145.2
µs
ADC setting = 0010
258
283.8
µs
ADC setting = 0011
508
558.8
µs
ADC setting = 1001
1.01
1.11
ms
ADC setting = 1010
2.01
2.21
ms
ADC setting = 1011
4.01
4.41
ms
ADC setting = 1100
8.01
8.81
ms
ADC setting = 1101
16.01
17.61
ms
ADC setting = 1110
32.01
35.21
ms
ADC setting = 1111
64.01
70.41
ms
I2C INTERFACE SPECIFICATIONS
VIL
SDA and SCL Input Buffer LOW Voltage
-0.3
0.3 x VCC
V
VIH
SDA and SCL Input Buffer HIGH Voltage
0.7 x VCC
VCC + 0.3
V
Hysteresis
SDA and SCL Input Buffer Hysteresis
0.05 x VCC
V
VOL
SDA Output Buffer LOW Voltage, Sinking
3mA
VCC = 5V, IOL = 3mA
0
0.02
0.4
V
CPIN
SDA and SCL Pin Capacitance
TA = +25°C, f = 1MHz,
VCC = 5V, VIN = 0V,
VOUT = 0V
10
pF
fSCL
SCL Frequency
400
kHz
Electrical Specifications TA =+25°C,VCC=3.3,VINP= VBUS = 12V, VSENSE= VINP-VINM= 32mV,unless otherwise specified. All voltages
with respect to GND pin. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNIT


Podobny numer części - ISL28022FRZR5453

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28022FRZ INTERSIL-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022FRZ RENESAS-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
More results

Podobny opis - ISL28022FRZR5453

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com