Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4753A Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Numer części 1N4753A
Szczegółowy opis  1.0 Watt Glass Passivated Junction Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4753A Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1N4753A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4753A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4753A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4753A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4753A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N4753A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N4753A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RATINGS AND CHARACTERISTIC CURVES (1N4740A THRU 1M200Z)
Version:F12
10
100
1000
1
10
100
Vz, FORWARD VOLTAGE (V)
FIG.6 TYPICAL CAPACITANCE versus Vz
50% OF BREAKDOWN
0V BIAS
1.0V BIAS
-4
-2
0
2
4
6
8
10
12
23456
789
10
11
12
Vz, ZENER VOLTAGE(V)
FIG. 7 TEMPERATURE COEFFICIENTS
a-RANGE FOR UNITS TO 12 VOLTS
RANGE Vz@ IZT
1
10
100
10
100
Vz, ZENER VOLTAGE(V)
FIG.8 TEMPERATURE COEFFICIENTS
RANGE Vz@ IZT
b-RANGE FOR UNITS 12 TO 100 VOLTS
-4
-2
0
2
4
6
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
Vz, ZENER VOLTAGE(V)
FIG. 9 EFFECT OF ZENER CURRENT
NOTE:BELOW 3 VOLTAGE ABOVE a
VOLTS CHANGES IN ZENER CURRENT
NOT AFFECT TEMPERATURE COEFFICIENTS
Vz@ IZT
TA=25℃
0.01mA
1 mA
20mA
0
25
50
75
100
125
150
175
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
L, LEAD LENGTH TO HEAT SINK(INCHES)
FIG. 10 TYPICAL THERMAL RESISTANCE
versus LEAD LENGTH


Podobny numer części - 1N4753A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
1N4753A SECOS-1N4753A Datasheet
149Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
1N4753A VISHAY-1N4753A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4753A FAIRCHILD-1N4753A Datasheet
666Kb / 4P
   Zener Diodes
logo
Weitron Technology
1N4753A WEITRON-1N4753A Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Continental Device Indi...
1N4753A CDIL-1N4753A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
More results

Podobny opis - 1N4753A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TRANSYS Electronics Lim...
1N4728A TEL-1N4728A Datasheet
162Kb / 3P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Continental Device Indi...
1N4728A CDIL-1N4728A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
First Silicon Co., Ltd
SMF4728A FS-SMF4728A Datasheet
145Kb / 4P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes , 1.0 Watt Steady State
logo
Leshan Radio Company
SZA6.8A LRC-SZA6.8A Datasheet
185Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SODZ5.1A-SH LRC-S-SODZ5.1A-SH Datasheet
1Mb / 11P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
SODZ5.1A-SH LRC-SODZ5.1A-SH Datasheet
1Mb / 11P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SZA2.4A LRC-S-SZA2.4A Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com