Zakładka z wyszukiwarką danych komponentów |
|
1N4758A Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd |
|
1N4758A Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd |
4 / 7 page RATINGS AND CHARACTERISTIC CURVES (1N4740A THRU 1M200Z) Version:F12 10 100 1000 1 10 100 Vz, FORWARD VOLTAGE (V) FIG.6 TYPICAL CAPACITANCE versus Vz 50% OF BREAKDOWN 0V BIAS 1.0V BIAS -4 -2 0 2 4 6 8 10 12 23456 789 10 11 12 Vz, ZENER VOLTAGE(V) FIG. 7 TEMPERATURE COEFFICIENTS a-RANGE FOR UNITS TO 12 VOLTS RANGE Vz@ IZT 1 10 100 10 100 Vz, ZENER VOLTAGE(V) FIG.8 TEMPERATURE COEFFICIENTS RANGE Vz@ IZT b-RANGE FOR UNITS 12 TO 100 VOLTS -4 -2 0 2 4 6 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 Vz, ZENER VOLTAGE(V) FIG. 9 EFFECT OF ZENER CURRENT NOTE:BELOW 3 VOLTAGE ABOVE a VOLTS CHANGES IN ZENER CURRENT NOT AFFECT TEMPERATURE COEFFICIENTS Vz@ IZT TA=25℃ 0.01mA 1 mA 20mA 0 25 50 75 100 125 150 175 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 L, LEAD LENGTH TO HEAT SINK(INCHES) FIG. 10 TYPICAL THERMAL RESISTANCE versus LEAD LENGTH |
Podobny numer części - 1N4758A |
|
Podobny opis - 1N4758A |