Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVQ138 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74LVQ138
Szczegółowy opis  Low Voltage 1-of-8 Decoder/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ138 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74LVQ138 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ138 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ138 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ138 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ138 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ138 Datasheet HTML 6Page - Fairchild Semiconductor 74LVQ138 Datasheet HTML 7Page - Fairchild Semiconductor 74LVQ138 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC + 0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC + 0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC + 0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
(I
CC or IGND)
±200 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
DC Latch-Up Source or
Sink Current
±300 mA
Recommended Operating
Conditions (Note 2)
Supply Voltage (V
CC)
2.0V to 3.6V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
−40˚C to +85˚C
Minimum Input Edge Rate (
∆V/∆t)
V
IN from 0.8V to 2.0V
V
CC @ 3.0V
125 mV/ns
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be op-
erated at these limits. The parametric values defined in the Electrical Charac-
teristics tables are not guaranteed at the absolute maximum ratings. The
“Recommended Operating Conditions” table will define the conditions for ac-
tual device operation.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol
Parameter
VCC
(V)
TA = +25˚C
TA = −40˚C to +85˚C
Units
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
3.0
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
or VCC − 0.1V
VIL
Maximum Low Level
3.0
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
or VCC − 0.1V
VOH
Minimum High Level
Output Voltage
3.0
2.99
2.9
2.9
V
IOUT = −50 µA
3.0
2.58
2.48
V
VIN = VIL or VIH (Note 3)
IOH = −12 mA
VOL
Maximum Low Level
Outut Voltage
3.0
0.002
0.1
0.1
V
IOUT = 50 µA
3.0
0.36
0.44
V
VIN = VIL or VIH (Note 3)
IOL = 12 mA
IIN
Maximum Input
3.6
±0.1
±1.0
µA
VI = VCC, GND
Leakage Current
IOLD
Minimum Dynamic (Note 4)
3.6
36
mA
VOLD = 0.8V Max (Note 5)
IOH
Output Current
3.6
−25
mA
VOHD = 2.0V Min (Note 5)
ICC
Maximum Quiescent
3.6
4.0
40.0
µA
VIN = VCC
Supply Current
or GND
VOLP
Quiet Output
3.3
0.8
V
(Notes 6, 7)
Maximum Dynamic VOL
VOLV
Quiet Output
3.3
−0.8
V
(Notes 6, 7)
Minimum Dynamic VOL
VIHD
Maximum High Level
3.3
1.7
2.0
V
(Notes 6, 8)
Dynamic Input Voltage
VILD
Maximum Low Level
3.3
1.7
0.8
V
(Notes 6, 8)
Dynamic Input Voltage
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: Incident wave switching on transmission lines with impedances as low as 75
Ω for commercial temperature range is guaranteed.
Note 6: Worst case package.
Note 7: Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V; one output at GND.
Note 8: Max number of Data Inputs (n) switching. (n − 1) inputs switching 0V to 3.3V. Input-under-test switching: 3.3V to threshold (VILD), 0V to threshold
(VIHD), f = 1 MHz.
www.fairchildsemi.com
4


Podobny numer części - 74LVQ138

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVQ138 STMICROELECTRONICS-74LVQ138 Datasheet
69Kb / 9P
   3 TO 8 LINE DECODER INVERTING
February 1999
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138 Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
STMicroelectronics
74LVQ138 STMICROELECTRONICS-74LVQ138 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
74LVQ138M STMICROELECTRONICS-74LVQ138M Datasheet
69Kb / 9P
   3 TO 8 LINE DECODER INVERTING
February 1999
74LVQ138MTR STMICROELECTRONICS-74LVQ138MTR Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
More results

Podobny opis - 74LVQ138

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX138 FAIRCHILD-74LVX138 Datasheet
79Kb / 7P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX157 ONSEMI-74LVX157 Datasheet
183Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LCX138 ONSEMI-74LCX138 Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138_01 Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX138 ONSEMI-74LVX138 Datasheet
185Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com