Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVQ138SCX Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74LVQ138SCX
Szczegółowy opis  Low Voltage 1-of-8 Decoder/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ138SCX Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74LVQ138SCX Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 6Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 7Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74LVQ138
Low Voltage 1-of-8 Decoder/Demultiplexer
General Description
The LVQ138 is a high-speed 1-of-8 decoder/demultiplexer.
This device is ideally suited for high-speed bipolar memory
chip select address decoding. The multiple input enables al-
low parallel expansion to a 1-of-24 decoder using just three
LVQ138 devices or a 1-of-32 decoder using four LVQ138 de-
vices and one inverter.
Features
n Ideal for low power/low noise 3.3V applications
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n Guaranteed incident wave switching into 75
n 4 kV minimum ESD immunity
n Demultiplexing capability
n Multiple input enable for each expansion
n Active LOW mutually exclusive outputs
Ordering Code:
Order Number
Package Number
Package Description
74LVQ138SC
M16A
16-Lead (0.150" Wide) Small Outline Integrated Circuit, SOIC JEDEC
74LVQ138SJ
M16D
16-Lead Molded Small Outline Package, SOIC EIAJ
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
Connection Diagram
Pin Descriptions
Pin Names
Description
A
0–A2
Address Inputs
E
1–E2
Enable Inputs
E
3
Enable Input
O
0–O7
Outputs
DS011350-1
IEEE/IEC
DS011350-4
Pin Assignment
for SOIC JEDEC and EIAJ
DS011350-2
May 1998
© 1998 Fairchild Semiconductor Corporation
DS011350
www.fairchildsemi.com


Podobny numer części - 74LVQ138SCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVQ138SCX FAIRCHILD-74LVQ138SCX Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
More results

Podobny opis - 74LVQ138SCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX138 FAIRCHILD-74LVX138 Datasheet
79Kb / 7P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX157 ONSEMI-74LVX157 Datasheet
183Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LCX138 ONSEMI-74LCX138 Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138_01 Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX138 ONSEMI-74LVX138 Datasheet
185Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com