Zakładka z wyszukiwarką danych komponentów |
|
74LVQ374SC Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
74LVQ374SC Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page Pin Descriptions Pin Names Description D 0–D7 Data Inputs CP Clock Pulse Input OE 3-STATE Output Enable Input O 0–O7 3-STATE Outputs Truth Table Inputs Outputs D n CP OE O n H N LH L N LL XX H Z H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance N = LOW-to-HIGH Transition Functional Description The LVQ374 consists of eight edge-triggered flip-flops with individual D-type inputs and 3-STATE true outputs. The buff- ered clock and buffered Output Enable are common to all flip-flops. The eight flip-flops will store the state of their indi- vidual D-type inputs that meet the setup and hold time re- quirements on the LOW-to-HIGH Clock (CP) transition. With the Output Enable (OE) LOW, the contents of the eight flip-flops are available at the outputs. When the OE is HIGH, the outputs go to the high impedance state. Operation of the OE input does not affect the state of the flip-flops. Logic Diagram DS011360-5 Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. www.fairchildsemi.com 2 |
Podobny numer części - 74LVQ374SC |
|
Podobny opis - 74LVQ374SC |