Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVT244 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części 74LVT244
Szczegółowy opis  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT244 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

  74LVT244 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT244 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.fairchildsemi.com
8
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
Package Number MSA20
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Podobny numer części - 74LVT244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVT244 FAIRCHILD-74LVT244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVT244 ONSEMI-74LVT244 Datasheet
319Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
logo
NXP Semiconductors
74LVT244A PHILIPS-74LVT244A Datasheet
89Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
More results

Podobny opis - 74LVT244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com