Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTH2245 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74LVTH2245
Szczegółowy opis  Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH2245 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74LVTH2245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH2245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH2245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH2245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH2245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH2245 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH2245 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH2245 Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH2245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 11)
Note 11: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA 40qC to 85qC
Units
CL 50 pF, RL 500:
VCC 3.3V r 0.3V
VCC 2.7V
Min
Max
Min
Max
tPLH
Propagation Delay Data to B Port Output
1.2
4.4
1.2
5.1
ns
tPHL
1.2
4.4
1.2
5.1
tPLH
Propagation Delay Data to A Port Output
1.2
3.6
1.2
4.0
ns
tPHL
1.2
3.5
1.2
4.0
tPZH
Output Enable Time for B Port Output
1.3
6.2
1.3
7.3
ns
tPZL
1.7
6.2
1.7
7.3
tPZH
Output Enable Time for A Port Output
1.3
5.5
1.3
7.1
ns
tPZL
1.7
5.7
1.7
6.7
tPHZ
Output Disable Time for B Port Output
2.0
5.9
2.0
6.5
ns
tPLZ
2.0
5.4
2.0
5.7
tPHZ
Output Disable Time for A Port Output
2.0
5.9
2.0
6.5
ns
tPLZ
2.0
5.0
2.0
5.1
tOSHL
A Port Output to Output Skew
1.0
1.0
ns
tOSLH
(Note 10)
tOSHL
B Port Output to Output Skew
1.0
1.0
ns
tOSLH
(Note 10)
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC 0V, VI 0V or VCC
4pF
CI/O
Input/Output Capacitance
VCC 3.0V, VO 0V or VCC
8pF


Podobny numer części - 74LVTH2245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTH2245 NXP-74LVTH2245 Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
ON Semiconductor
74LVTH2245 ONSEMI-74LVTH2245 Datasheet
294Kb / 11P
   Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
Nexperia B.V. All right...
74LVTH2245 NEXPERIA-74LVTH2245 Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVTH2245D NXP-74LVTH2245D Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVTH2245D NEXPERIA-74LVTH2245D Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
More results

Podobny opis - 74LVTH2245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVT2245 FAIRCHILD-74LVT2245_08 Datasheet
304Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25 B Port Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com