Zakładka z wyszukiwarką danych komponentów |
|
74LVT373SJ Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
74LVT373SJ Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page www.fairchildsemi.com 2 Connection Diagram Pin Descriptions Truth Table H HIGH Voltage Level L LOW Voltage Level Z High Impedance X Immaterial O0 Previous O0 before HIGH-to-LOW transition of Latch Enable Functional Description The LVT373 and LVTH373 contain eight D-type latches with 3-STATE standard outputs. When the Latch Enable (LE) input is HIGH, data on the Dn inputs enters the latches. In this condition the latches are transparent, i.e., a latch output will change state each time its D input changes. When LE is LOW, the latches store the informa- tion that was present on the D inputs a setup time preced- ing the HIGH-to-LOW transition of LE. The 3-STATE standard outputs are controlled by the Output Enable (OE) input. When OE is LOW, the standard outputs are in the 2-state mode. When OE is HIGH, the standard outputs are in the high impedance mode but this does not interfere with entering new data into the latches. Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. Pin Names Description D0–D7 Data Inputs LE Latch Enable Input OE Output Enable Input O0–O7 3-STATE Latch Outputs Inputs Outputs LE OE Dn On XH X Z HL L L HL H H LL X O0 |
Podobny numer części - 74LVT373SJ |
|
Podobny opis - 74LVT373SJ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |