Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTH125SJX Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74LVTH125SJX
Szczegółowy opis  Low Voltage Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH125SJX Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74LVTH125SJX Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH125SJX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012011
www.fairchildsemi.com
October 1998
Revised February 2005
74LVTH125
Low Voltage Quad Buffer with 3-STATE Outputs
General Description
The LVTH125 contains four independent non-inverting
buffers with 3-STATE outputs.
These buffers are designed for low-voltage (3.3V) VCC
applications, but with the capability to provide a TTL inter-
face to a 5V environment. The LVTH125 is fabricated with
an advanced BiCMOS technology to achieve high speed
operation similar to 5V ABT while maintaining a low power
dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs
s Live insertion/extraction permitted
s Power Up/Down high impedance provides glitch-free
bus loading
s Outputs source/sink
32 mA/64 mA
s Functionally compatible with the 74 series 125
s Latch-up performance exceeds 500 mA
s ESD performance:
Human-body model
! 2000V
Machine model
! 200V
Charged-device model
! 1000V
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDED J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74LVTH125M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LVTH125SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVTH125MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVTH125MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Podobny numer części - 74LVTH125SJX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVTH125SJ FAIRCHILD-74LVTH125SJ Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74LVTH125SJ ONSEMI-74LVTH125SJ Datasheet
227Kb / 9P
   Low Voltage Quad Buffer
January 2008 Rev. 1.4.0
More results

Podobny opis - 74LVTH125SJX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTCX FAIRCHILD-74LVX125MTCX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com