Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVT16543MTD Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74LVT16543MTD
Szczegółowy opis  Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT16543MTD Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74LVT16543MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LVT16543MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LVT16543MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LVT16543MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LVT16543MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LVT16543MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LVT16543MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LVT16543MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics
Note 3: Applies to bushold versions only (74LVTH16543)
Note 4: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 5: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 6: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 7)
Note 7: Characterized in SSOP package. Guaranteed parameter, but not tested.
Note 8: Max number of outputs defined as (n). n
−1 data inputs are driven 0V to 3V. Output under test held LOW.
Symbol
Parameter
VCC
T A = −40°C to +85°C
Units
Conditions
(V)
Min
Max
VIK
Input Clamp Diode Voltage
2.7
−1.2
V
II = −18 mA
VIH
Input HIGH Voltage
2.7–3.6
2.0
V
VO ≤ 0.1V or
VIL
Input LOW Voltage
2.7–3.6
0.8
VO ≥ VCC − 0.1V
VOH
Output HIGH Voltage
2.7–3.6
VCC − 0.2
V
IOH = −100 µA
2.7
2.4
V
IOH = −8 mA
3.0
2.0
V
IOH = −32 mA
VOL
Output LOW Voltage
2.7
0.2
V
IOL = 100 µA
2.7
0.5
V
IOL = 24 mA
3.0
0.4
V
IOL = 16 mA
3.0
0.5
V
IOL = 32 mA
3.0
0.55
V
IOL = 64 mA
II(HOLD)
Bushold Input Minimum Drive
3.0
75
µAV
I = 0.8V
(Note 3)
−75
µAV
I = 2.0V
II(OD)
Bushold Input Over-Drive
3.0
500
µA
(Note 4)
(Note 3)
Current to Change State
−500
µA
(Note 5)
II
Input Current
3.6
10
µAV
I = 5.5V
Control Pins
3.6
±1
µAV
I = 0V or VCC
Data Pins
3.6
−5
µAV
I = 0V
1
µAV
I = VCC
IOFF
Power Off Leakage Current
0
±100
µA0V ≤ V
I or VO ≤ 5.5V
IPU/PD
Power Up/Down 3-STATE
0–1.5V
±100
µA
VO = 0.5V to 3.0V
Output Current
VI = GND or VCC
IOZL (Note 3) 3-STATE Output Leakage Current
3.6
−5
µAV
O = 0.0V
IOZL
3-STATE Output Leakage Current
3.6
−5
µAV
O = 0.5V
IOZH (Note 3) 3-STATE Output Leakage Current
3.6
5
µAV
O = 3.6V
IOZH
3-STATE Output Leakage Current
3.6
5
µAV
O = 3.0V
IOZH+
3-STATE Output Leakage Current
3.6
10
µAV
CC < VO ≤ 5.5V
ICCH
Power Supply Current
3.6
0.19
mA
Outputs HIGH
ICCL
Power Supply Current
3.6
5
mA
Outputs LOW
ICCZ
Power Supply Current
3.6
0.19
mA
Outputs Disabled
ICCZ+
Power Supply Current
3.6
0.19
mA
VCC ≤ VO ≤ 5.5V,
Outputs Disabled
∆I
CC
Increase in Power Supply Current
3.6
0.2
mA
One Input at VCC − 0.6V
(Note 6)
Other Inputs at VCC or GND
Symbol
Parameter
VCC
TA = 25°C
Units
Conditions
(V)
Min
Typ
Max
CL = 50 pF, RL = 500Ω
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 8)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
−0.8
V
(Note 8)


Podobny numer części - 74LVT16543MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVT16543 PHILIPS-74LVT16543 Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16543ADGG PHILIPS-74LVT16543ADGG Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16543ADGG NEXPERIA-74LVT16543ADGG Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
More results

Podobny opis - 74LVT16543MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVTH16952 FAIRCHILD-74LVTH16952 Datasheet
75Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com