Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTH273 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74LVTH273
Szczegółowy opis  Low Voltage Octal D-Type Flip-Flop with Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH273 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74LVTH273 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH273 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500100
www.fairchildsemi.com
July 1999
Revised March 2005
74LVTH273
Low Voltage Octal D-Type Flip-Flop with Clear
General Description
The LVTH273 is a high-speed, low-power positive-edge-
triggered octal D-type flip-flop featuring separate D-type
inputs for each flip-flop. A buffered Clock (CP) and Clear
(CLR) are common to all flip-flops.
The state of each D-type input, one setup time before the
positive clock transition, is transferred to the corresponding
flip-flop’s output.
The LVTH273 data inputs include bushold, eliminating the
need for external pull-up resistors to hold unused inputs.
These octal flip-flops are designed for low-voltage (3.3V)
VCC applications, but with the capability to provide a TTL
interface to a 5V environment. The LVTH273 is fabricated
with an advanced BiCMOS technology to achieve high
speed operation similar to 5V ABT while maintaining low
power dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold on the data inputs eliminate the need for
external pull-up resistors to hold unused inputs
s Outputs source/sink
32 mA/64 mA
s Functionally compatible with the 74 series 273
s Latch-up performance exceeds 500 mA
s ESD performance:
Human-body model
! 2000V
Machine model
! 200V
Charged-device model
! 1000V
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbols
IEEE/IEC
Order Number
Package
Package Description
Number
74LVTH273WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVTH273SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVTH273MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVTH273MTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Podobny numer części - 74LVTH273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVTH2240 FAIRCHILD-74LVTH2240 Datasheet
76Kb / 6P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
74LVTH2240MTC FAIRCHILD-74LVTH2240MTC Datasheet
76Kb / 6P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
74LVTH2240MTCX FAIRCHILD-74LVTH2240MTCX Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74LVTH2240SJ FAIRCHILD-74LVTH2240SJ Datasheet
76Kb / 6P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
74LVTH2240SJ FAIRCHILD-74LVTH2240SJ Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
More results

Podobny opis - 74LVTH273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com