Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2023CX5RFG Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2023CX5RFG
Szczegółowy opis  1A Single Channel USB Power Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2023CX5RFG Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2023CX5RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS2023
1A Single Channel USB Power Switch
3/8
Version: A11
Typical Application Circuit
Block Diagram
Pin Function Description
Pin NO.
Pin Name
Pin Description
1
CTL
Switch enable
2
GND
Chip power ground
3
FLG
Fault status. A logic low on this pin indicates the switch
is in current limit or has been shutdown by the thermal
protection circuit
4
VIN
Power supply input
5
VOUT
MOSFET switch output


Podobny numer części - TS2023CX5RFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
TS2023C BOTHHAND-TS2023C Datasheet
201Kb / 1P
   ISOLATION TRANSFORMER FOR 10 BASE-T
More results

Podobny opis - TS2023CX5RFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Intergrations Co...
AIC6163 AIC-AIC6163 Datasheet
186Kb / 9P
   1A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Diodes Incorporated
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
   1.5A Single Channel USB Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com