Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTH652 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74LVTH652
Szczegółowy opis  Low Voltage Octal Transceiver/Register with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH652 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74LVTH652 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS012018
www.fairchildsemi.com
April 2000
Revised April 2000
74LVTH652
Low Voltage Octal Transceiver/Register
with 3-STATE Outputs
General Description
The LVTH652 consists of bus transceiver circuits with D-
type flip-flops, and control circuitry arranged for multiplexed
transmission of data directly from the input bus or from the
internal registers. Data on the A or B bus will be clocked
into the registers as the appropriate clock pin goes to HIGH
logic level. Output Enable pins (OEAB, OEBA) are pro-
vided to control the transceiver function. (See Functional
Description).
The LVTH652 data inputs include bushold, eliminating the
need for external pull-up resistors to hold unused inputs.
This octal transceiver/register is designed for low-voltage
(3.3V) VCC applications, but with the capability to provide a
TTL interface to a 5V environment. The LVTH652 is fabri-
cated with an advanced BiCMOS technology to achieve
high speed operation similar to 5V ABT while maintaining
low power dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold data inputs eliminate the need for external pull-
up resistors to hold unused inputs
s Live insertion/extraction permitted
s Power Up/Down high impedance provides glitch-free
bus loading
s Outputs source/sink
−32 mA/+64 mA
s Functionally compatible with the 74 series 652
s Latch-up performance exceeds 500 mA
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Order Number
Package Number
Package Description
74LVTH652WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
74LVTH652MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide


Podobny numer części - 74LVTH652

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVTH646 FAIRCHILD-74LVTH646 Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74LVTH646MTC FAIRCHILD-74LVTH646MTC Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74LVTH646WM FAIRCHILD-74LVTH646WM Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
More results

Podobny opis - 74LVTH652

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVTH646 FAIRCHILD-74LVTH646 Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com