Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS19704CSRLG Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TS19704CSRLG
Szczegółowy opis  Single-Stage Primary-Side Control with High PFC LED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19704CSRLG Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19704CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS19704
Single-Stage Primary-Side Control
with High PFC LED Driver
3/7
Version: C12
Electrical Characteristics (VCC=15 , TA=25℃, unless otherwise specified.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
DRIVER
Rising time
TRISE
VCC=20V, CO =0.1nF
--
100
--
ns
Falling time
TFAIL
VCC=20V, CO =0.1nF
--
40
--
ns
Output clamp voltage
VO_CLAMP
--
--
16.5
V
Note 1: Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2: Thermal Resistance is specified with the component mounted on a low effective thermal conductivity test
board in free air at TA=25°C.
Note 3: TRISE and TFAIL are guarantee by design.
Note 4: Devices are ESD sensitive. Handing precaution recommended.
Note 5: The device is not guaranteed to function outside its operating conditions.
Function Block
Pin Description
Pin No.
Name
Function
1
RT
Frequency setting.
2
DMG
Zero current demagnetization sensing.
3
VCC
Power supply pin for all internal circuit.
4
OUT
Power MOS output pin.
5
CS
Input current sense pin.
6
GND
Ground return for all internal circuitry.
7
COM
Output pin of error amplifier.
8
VINT
Integration output current signal pin.


Podobny numer części - TS19704CSRLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19701A TSC-TS19701A Datasheet
216Kb / 9P
   CC/CV Primary-Side PWM Controller Power on Soft-start
TS19701ACX6RFG TSC-TS19701ACX6RFG Datasheet
216Kb / 9P
   CC/CV Primary-Side PWM Controller Power on Soft-start
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
TS19702 TSC-TS19702 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
TS19702CX6-RFG TSC-TS19702CX6-RFG Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
More results

Podobny opis - TS19704CSRLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
   Single-Stage PFC Primary-Side-Regulation LED Driver
logo
List of Unclassifed Man...
FT825 ETC2-FT825 Datasheet
393Kb / 12P
   Primary-Side Control LED Driver with High PFC
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
BCD Semiconductor Manuf...
AP1682 BCDSEMI-AP1682 Datasheet
374Kb / 11P
   Single Stage Primary Side Regulation PFC Controller For LED Driver
logo
Diodes Incorporated
AP1682E DIODES-AP1682E Datasheet
366Kb / 10P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR LED DRIVER
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
logo
Fairchild Semiconductor
FLS3217 FAIRCHILD-FLS3217 Datasheet
787Kb / 14P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver with Integrated Power MOSFET
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
   Single stage, primary control with PFC and dimming
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com