Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS34118CS28RD Arkusz danych(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Numer części TS34118CS28RD
Szczegółowy opis  Voice Switched Speakerphone Circuit Chip disable for active/standby operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS28RD Arkusz danych(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118CS28RD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118CS28RD Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS28RD Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS28RD Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118CS28RD Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118CS28RD Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS34118CS28RD Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS34118CS28RD Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd TS34118CS28RD Datasheet HTML 14Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TS34118
Voice Switched Speakerphone Circuit
10/21
Version: A13
Application Information (Continue)
Attenuator Control Block
The Attenuator Control Block has the seven inputs described above:
-The output of the comparator operated by RLO2 and TLO2 (microphone/speaker side) - designated C1.
-The output of the comparator operated by RLO1 and TLO1 (TIP/Ring side) – designated C2.
-The output of the transmit background noise monitor – designated C3.
-The output of the receive background noise monitor
-designated C4.
-The volume control.
-The dial tone detector.
-The AGC circuit.
The single output of the Control Block controls the two attenuators. The effect of C1-C4 is as follows:
Input
Output
C1
C2
C3
C4
Mode
Tx
Tx
1
X
Transmit
Tx
Rx
Y
Y
Fast Idle
Rx
Tx
Y
y
Fast Idle
Rx
Rx
X
1
Receive
Tx
Tx
0
X
Slow Idle
Tx
Rx
0
0
Slow Idle
Rx
Tx
0
0
Slow Idle
Rx
Rx
X
0
Slow Idle
X=Don’t Care; y=C3 and C4 are not both 0. A definition of the above terms:
1) ”Transmit” means the transmit attenuator is fully on (+6.0dB), and the receive attenuator is at max. attenuation
(- 46dB).
2) ”Receive” means both attenuators are controlled by the volume control. At max. Volume, the receive attenuator
is fully on (+6.0dB), and the transmit attenuator is at max. attenuation (-46dB).
3) ”Fast Idle” means both transmit and receive speech is present in approximately equal levels. The attenuators are
quickly switched (30ms) to idle until one speech level dominates the other.
4) ”Slow Idle” means speech has ceased in both transmit and receive paths. The attenuators are then slowly
switched (1 second) to the idle mode.
5) Switch to the full transmit or receive modes from any other mode is at the fast rate (≈30ms).
A summary of the truth table is as follows:
1) The circuit will switch to transmit if: a) both transmit level detectors sense higher signal levels relative to the
respective receive level detectors (TLI1 versus RLI1, TLI2 versus RLI2), and b) the transmit background noise
monitor indicates the presence of speech.
2) The circuit will switch to receive if: a) both receive level detectors sense higher signal levels relative to the
respective transmit level detectors, and b) the receive background noise monitor indicates the presence of
speech.
3) The circuit will switch to the fast idle mode if the level detectors disagree on the relative strengths of the signal
levels, and at least one of the background noise monitors indicates speech. For example, referring to the Block
Diagram (Figure 2), if there is sufficient signal at the microphone amp output (TLI2) to override the speaker signal
(RLI2), and there is sufficient signal at the receive input (RLI1) to override the signal at the hybrid output (TLI1),
and either or both background monitors indicate speech, then the circuit will be in the fast idle mode. Two
conditions which can cause the fast idle mode to occur are a) when both talkers are attempting to gain control of
the system by talking at the same time, and b)when one talker is in a very noisy environment, forcing the other
talker to continually override that noise level. In general, the fast idle mode will occur infrequently.


Podobny numer części - TS34118CS28RD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
TS34118CS28C8 TSC-TS34118CS28C8 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
More results

Podobny opis - TS34118CS28RD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com