Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVX112 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74LVX112
Szczegółowy opis  Low Voltage Dual J-K Flip-Flops with Preset and Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX112 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74LVX112 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX112 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX112 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX112 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX112 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX112 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX112 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 3: Parameter guaranteed by design. tOSLH = |tPLHm–tPLHn|, tOSLH = |tPHLm–tPHLn|
Capacitance
Note 4: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
CL (pF)
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.7
7.5
12.0
1.0
14.2
ns
15
tPHL
CPn to Qn or Qn
11.0
16.7
1.0
19.0
50
3.3
± 0.3
8.5
11.0
1.0
13.4
15
10.0
15.0
1.0
16.5
50
tPLH
Propagation Delay
2.7
7.0
11.5
1.0
12.3
ns
15
tPHL
PR or CLR to Qn or Qn
10.1
14.3
1.0
16.5
50
3.3
± 0.3
6.7
10.2
1.0
11.7
15
9.7
13.5
1.0
15.0
50
tW
Pulse Width
2.7
5.0
5.0
ns
(CP or CLR or PR)
3.3
± 0.3
5.0
5.0
tS
Setup Time
2.7
5.5
5.5
ns
(Jn or Kn to CPn)3.3 ± 0.3
5.0
5.0
tH
Hold Time
2.7
1.0
1.0
ns
(Jn or Kn to CPn)3.3 ± 0.3
1.0
1.0
tREC
Recovery Time
2.7
6.5
6.5
ns
(CLR or PR to CP)
3.3
± 0.3
6.0
6.0
fMAX
Maximum Clock
2.7
90
140
85
MHz
15
Frequency
85
115
70
50
3.3
± 0.3
110
150
100
15
90
120
80
50
tOSLH,
Output to Output Skew
2.7
1.5
1.5
ns
50
tOSHL
(Note 3)
3.3
1.5
1.5
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
18
pF
Capacitance (Note 4)


Podobny numer części - 74LVX112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
STMicroelectronics
74LVX125 STMICROELECTRONICS-74LVX125 Datasheet
227Kb / 12P
   LOW VOLTAGE QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LVX125 FAIRCHILD-74LVX125 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74LVX125 ONSEMI-74LVX125 Datasheet
316Kb / 9P
   Low Voltage Quad Buffer
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX125M FAIRCHILD-74LVX125M Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
More results

Podobny opis - 74LVX112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74HC109 HITACHI-HD74HC109 Datasheet
59Kb / 9P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
HD74HC109 RENESAS-HD74HC109 Datasheet
111Kb / 8P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
National Semiconductor ...
MM54HC76 NSC-MM54HC76 Datasheet
136Kb / 6P
   Dual J-K Flip-Flops with Preset and Clear
logo
Texas Instruments
SN5476 TI1-SN5476_15 Datasheet
477Kb / 14P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
logo
Renesas Technology Corp
HD74LS76A RENESAS-HD74LS76A Datasheet
131Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
HD74HC76 RENESAS-HD74HC76 Datasheet
99Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Fairchild Semiconductor
MM74C73 FAIRCHILD-MM74C73_04 Datasheet
64Kb / 6P
   Dual J-K Flip-Flops with Clear and Preset
logo
National Semiconductor ...
MM54HCT109 NSC-MM54HCT109 Datasheet
123Kb / 4P
   Dual J-K Flip-Flops with Preset and Clear
logo
Fairchild Semiconductor
74VHC112MX FAIRCHILD-74VHC112MX Datasheet
269Kb / 9P
   Dual J-K Flip-Flops with Preset and Clear
74VHC112 FAIRCHILD-74VHC112 Datasheet
70Kb / 7P
   Dual J-K Flip-Flops with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com