Zakładka z wyszukiwarką danych komponentów |
|
74LVX541SJ Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
74LVX541SJ Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 1) Recommended Operating Conditions (Note 2) Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will define the conditions for actual device operation. Note 2: Unused inputs must be held HIGH or LOW. They may not float DC Electrical Characteristics Noise Characteristics (Note 3) Note 3: Input tr tf 3 ns. Supply Voltage (VCC) 0.5V to 7.0V DC Input Diode Current (IIK) VI 0.5V 20 mA DC Input Voltage (VI) 0.5V to 7V DC Output Diode Current (IOK) VO 0.5V 20 mA VO VCC 0.5V 20 mA DC Output Voltage (VO) 0.5V to VCC 0.5V DC Output Source or Sink Current (IO) r25 mA DC VCC or Ground Current (ICC or IGND) r75 mA Storage Temperature (TSTG) 65qC to 150qC Power Dissipation 180 mW Supply Voltage (VCC) 2.0V to 3.6V Input Voltage (VI)0V to 5.5V Output Voltage (VO) 0V to VCC Operating Temperature (TA) 40qC to 85qC Input Rise and Fall Time ( 't/'V) 0 ns/V to 100 ns/V Symbol Parameter VCC TA 25qCTA 40qC to 85qC Units Conditions Min Typ Max Min Max VIH HIGH Level Input 2.0 1.5 1.5 V Voltage 3.0 2.0 2.0 3.6 2.4 2.4 VIL LOW Level Input 2.0 0.5 0.5 V Voltage 3.0 0.8 0.8 3.6 0.8 0.8 VOH HIGH Level Output 2.0 1.9 2.0 1.9 IOH 50 PA Voltage 3.0 2.9 3.0 2.9 V VIN VIH or VIL IOH 50 PA 3.0 2.58 2.48 IOH 4 mA VOL LOW Level Output 2.0 0.0 0.1 0.1 IOL 50 PA Voltage 3.0 0.0 0.1 0.1 V VIN VIH or VIL IOL 50 PA 3.0 0.36 0.44 IOL 4 mA IOZ 3-STATE Output 3.6 r0.25 r2.5 PA VIN VIH or VIL OFF-State Current VOUT VCC or GND IIN Input Leakage Current 3.6 r0.1 r1.0 PAVIN 5.5V or GND ICC Quiescent Supply Current 3.6 4.0 40.0 PAVIN VCC or GND Symbol Parameter VCC TA 25qC Units Conditions (V) Typ Limits VOLP Quiet Output Maximum Dynamic VOL 3.3 0.5 0.8 V CL 50 pF VOLV Quiet Output Minimum Dynamic VOL 3.3 0.5 0.8 V CL 50 pF VIHD Minimum HIGH Level Dynamic Input Voltage 3.3 2.0 V CL 50 pF VILD Maximum HIGH Level Dynamic Input Voltage 3.3 0.8 V CL 50 pF |
Podobny numer części - 74LVX541SJ |
|
Podobny opis - 74LVX541SJ |