Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX162374 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74VCX162374
Szczegółowy opis  Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162374 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74VCX162374 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Connection Diagram
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= High Impedance
O0 = Previous O0 before HIGH-to-LOW of CP
Functional Description
The 74VCX162374 consists of sixteen edge-triggered flip-
flops with individual D-type inputs and 3-STATE true out-
puts. The device is byte controlled with each byte function-
ing identically, but independent of the other. The control
pins can be shorted together to obtain full 16-bit operation.
Each clock has a buffered clock and buffered Output
Enable common to all flip-flops within that byte. The
description which follows applies to each byte. Each flip-
flop will store the state of their individual I inputs that meet
the setup and hold time requirements on the LOW-to-HIGH
Clock (CPn) transition. With the Output Enable (OEn) LOW,
the contents of the flip-flops are available at the outputs.
When OEn is HIGH, the outputs go to the high impedance
state. Operations of the OEn input does not affect the state
of the flip-flops.
Logic Diagram
Byte 1 (0:7)
Byte 2 (8:15)
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Inputs
Outputs
CP1
OE1
I0–I7
O0–O7

LH
H

LL
L
LL
X
O0
XH
X
Z
Inputs
Outputs
CP2
OE2
I8–I15
O8–O15

LH
H

LL
L
LL
X
O0
XH
X
Z


Podobny numer części - 74VCX162374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX162374 FAIRCHILD-74VCX162374 Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162374MTD FAIRCHILD-74VCX162374MTD Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162374 FAIRCHILD-74VCX162374_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
More results

Podobny opis - 74VCX162374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ALVC162374 FAIRCHILD-74ALVC162374 Datasheet
95Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162374 FAIRCHILD-74VCX162374_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74VCX162373 FAIRCHILD-74VCX162373 Datasheet
82Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74LCX162374 FAIRCHILD-74LCX162374 Datasheet
218Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26??Series Resistors
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162240 FAIRCHILD-74VCX162240 Datasheet
53Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com