Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX16245GX Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części 74VCX16245GX
Szczegółowy opis  Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16245GX Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

  74VCX16245GX Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16245GX Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16245GX Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16245GX Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16245GX Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16245GX Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16245GX Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16245GX Datasheet HTML 8Page - Fairchild Semiconductor 74VCX16245GX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
AC Loading and Waveforms (VCC 1.5V r 0.1V to 1.2V)
FIGURE 5. AC Test Circuit
FIGURE 6. Waveform for Inverting and Non-Inverting Functions
FIGURE 7. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
FIGURE 8. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VCC x 2 at VCC 1.5 r 0.1V
Symbol
VCC
1.5V
r 0.1V
Vmi
VCC/2
Vmo
VCC/2
VX
VOL  0.1V
VY
VOH  0.1V


Podobny numer części - 74VCX16245GX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCX16245 ONSEMI-74VCX16245 Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
74VCX16245 ONSEMI-74VCX16245 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
logo
STMicroelectronics
74VCX16245 STMICROELECTRONICS-74VCX16245 Datasheet
212Kb / 14P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
November 2003
logo
ON Semiconductor
74VCX16245DT ONSEMI-74VCX16245DT Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
74VCX16245DT ONSEMI-74VCX16245DT Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results

Podobny opis - 74VCX16245GX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ALVC16245 FAIRCHILD-74ALVC16245_05 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245 Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
F74ALVC16245 FAIRCHILD-F74ALVC16245 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162543FT TOSHIBA-TC74VCXR162543FT Datasheet
422Kb / 11P
   LOW VOLTAGE 16-BIT REGISTERED TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com