Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM4963R Arkusz danych(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Numer części AM4963R
Szczegółowy opis  Single Phase Full Wave Direct PWM Motor Driver CPU Cooler Fan in PC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4963R Arkusz danych(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4963R Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4963R Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4963R Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4963R Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4963R Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4963R Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM4963R Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM4963R Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM4963R Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
Single Phase Full Wave Direct PWM Motor Driver
AM4963/AM4963R
Sep. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
10
Operating Diagram
Adjustable Voltage
fPWM=25kHz
Low Speed
PWM Variable
High Speed
VMIN
VH=3.6V
VL=2.0V
All Parameters Are Tested under VCC=12V
VCF (T≤TL)
VCF (T≥TH)
f
(T≤TL)
f (T≥TH)
Figure 9. Operating Diagram of AM4963/AM4963R


Podobny numer części - AM4963R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AM4963RGH-G1 BCDSEMI-AM4963RGH-G1 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
logo
Diodes Incorporated
AM4963RGH-G1 DIODES-AM4963RGH-G1 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4963RGHTR-G1 BCDSEMI-AM4963RGHTR-G1 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
logo
Diodes Incorporated
AM4963RGHTR-G1 DIODES-AM4963RGHTR-G1 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4963RGS-G1 BCDSEMI-AM4963RGS-G1 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
More results

Podobny opis - AM4963R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com